Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WB01
Description  8dBi Wideband LTE MIMO Panel Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WB01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SPE-13-8-050/B/SS
Page 1 of 18
SPECIFICATION
Part No.
:
WB.01 Prometheus
Product Name
:
8dBi Wideband LTE MIMO Panel Antenna
Features
:
Supports all 2G/3G and 4G bands
698-960MHz/1710-2170MHz/2300-2700MHz
Dual Cross Polarized - +/-45° Slant
Supports 2x2 MIMO
Internal Combiners allowing for wideband operation
on each port
290mm*290mm*130mm
With Bracket for Mounting
RoHS Compliant
Antenna back


Similar Part No. - WB01

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
WB0130KRM WILLAS-WB0130KRM Datasheet
749Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
More results

Similar Description - WB01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
Taoglas antenna solutio...
LMA101ABI001 TAOGLAS-LMA101ABI001 Datasheet
3Mb / 26P
Gemini 2*LTE 4G MIMO Magnetic Antenna
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
AN_GSM_201_MIMO MASWELL-AN_GSM_201_MIMO Datasheet
511Kb / 3P
4G LTE MIMO High Gain Panel Antenna 700 2700MHz
logo
AVX Corporation
1004239-001 AVX-1004239-001 Datasheet
1Mb / 6P
Broadband External LTE MIMO Antenna
9/27/2021
logo
Suzhou Maswell Communic...
AN_GPS_LTE_MIMO_046 MASWELL-AN_GPS_LTE_MIMO_046 Datasheet
883Kb / 5P
Maswell GPSLTE MIMO Combination Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com