| Electronic Components Datasheet Search |
|
STM8S103F3U6TR Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F3U6TR Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 113 page ![]() Option bytes 8 Option bytes contain configurations for device hardware features as well as the memory protection of the device. They are stored in a dedicated block of the memory. Except for the ROP (read-out protection) byte, each option byte has to be stored twice, in a regular form (OPTx) and a complemented one (NOPTx) for redundancy. Option bytes can be modified in ICP mode (via SWIM) by accessing the EEPROM address shown in the table below. Option bytes can also be modified ‘on the fly’ by the application in IAP mode, except the ROP option that can only be modified in ICP mode (via SWIM). Refer to the STM8S Flash programming manual (PM0051) and STM8 SWIM communication protocol and debug module user manual (UM0470) for information on SWIM programming procedures. Table 11: Option bytes Factory default setting Option bits Option byte no. Option name Addr. 0 1 2 3 4 5 6 7 00h ROP [7:0] OPT0 Read-out protection (ROP) 0x4800 00h UBC [7:0] OPT1 User boot code(UBC) 0x4801 FFh NUBC [7:0] NOPT1 0x4802 00h AFR0 AFR1 AFR2 AFR3 AFR4 AFR5 AFR6 AFR7 OPT2 Alternate function 0x4803 FFh NAFR0 NAFR1 NAFR2 NAFR3 NAFR4 NAFR5 NAFR6 NAFR7 NOPT2 0x4804 remapping (AFR) 00h WWDG _HALT WWDG _HW IWDG _HW LSI_ EN HSI TRIM Reserved OPT3 Miscell. option 0x4805h FFh NWW G_HALT NWWDG _HW NIWDG _HW NLSI_ EN NHSI TRIM Reserved NOPT3 0x4806 00h PRS C0 PRS C1 CKAWU SEL EXT CLK Reserved OPT4 Clock option 0x4807 FFh NPR SC0 NPRSC1 NCKA WUSEL NEXT CLK Reserved NOPT4 0x4808 00h HSECNT [7:0] OPT5 HSE clock startup 0x4809 FFh NHSECNT [7:0] NOPT5 0x480A Table 12: Option byte description Description Option byte no. ROP[7:0] Memory readout protection (ROP) OPT0 0xAA: Enable readout protection (write access via SWIM protocol) DocID15441 Rev 6 42/113 STM8S103K3 STM8S103F3 STM8S103F2 Option bytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |