| Electronic Components Datasheet Search |
|
STM32F215ZE Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F215ZE Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 173 page ![]() Pinouts and pin description STM32F21xxx 40/173 Doc ID 17050 Rev 8 -- - 7 D2 PI8(4) I/O FT PI8(5) EVENTOUT RTC_AF2 27 7 8 D1 PC13(4) I/O FT PC13(5) EVENTOUT RTC_AF1 38 8 9 E1 PC14(4)-OSC32_IN(6) I/O FT PC14(5) EVENTOUT OSC32_IN 49 9 10 F1 PC15(4)- OSC32_OUT(6) I/O FT PC15(5) EVENTOUT OSC32_OUT - - - 11 D3 PI9 I/O FT PI9 CAN1_RX / EVENTOUT -- - 12 E3 PI10 I/O FT PI10 ETH_MII_RX_ER/ EVENTOUT -- - 13 E4 PI11 I/O FT PI11 OTG_HS_ULPI_DIR/ EVENTOUT -- - 14 F2 VSS_13 SVSS_13 -- - 15 F3 VDD_13 SVDD_13 - - 10 16 E2 PF0 I/O FT PF0 FSMC_A0 / I2C2_SDA/ EVENTOUT - - 11 17 H3 PF1 I/O FT PF1 FSMC_A1 / I2C2_SCL/ EVENTOUT - - 12 18 H2 PF2 I/O FT PF2 FSMC_A2 / I2C2_SMBA/ EVENTOUT - - 13 19 J2 PF3(6) I/O FT PF3 FSMC_A3/ EVENTOUT ADC3_IN9 - - 14 20 J3 PF4(6) I/O FT PF4 FSMC_A4/ EVENTOUT ADC3_IN14 -- 15 21 K3 PF5(6) I/O FT PF5 FSMC_A5/ EVENTOUT ADC3_IN15 -10 16 22 G2 VSS_5 SVSS_5 -11 17 23 G3 VDD_5 SVDD_5 -- 18 24 K2 PF6(6) I/O FT PF6 TIM10_CH1 / FSMC_NIORD/ EVENTOUT ADC3_IN4 -- 19 25 K1 PF7(6) I/O FT PF7 TIM11_CH1/FSMC_NREG/ EVENTOUT ADC3_IN5 - - 20 26 L3 PF8(6) I/O FT PF8 TIM13_CH1 / FSMC_NIOWR/ EVENTOUT ADC3_IN6 - - 21 27 L2 PF9(6) I/O FT PF9 TIM14_CH1 / FSMC_CD/ EVENTOUT ADC3_IN7 - - 22 28 L1 PF10(6) I/O FT PF10 FSMC_INTR/ EVENTOUT ADC3_IN8 512 23 29 G1 PH0(6)-OSC_IN I/O FT PH0 EVENTOUT OSC_IN 613 24 30 H1 PH1(6)-OSC_OUT I/O FT PH1 EVENTOUT OSC_OUT 7 14 25 31 J1 NRST I/O NRST Table 5. STM32F21x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |