Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F217VG Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F217VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217VG Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F217VG Datasheet HTML 36Page - STMicroelectronics STM32F217VG Datasheet HTML 37Page - STMicroelectronics STM32F217VG Datasheet HTML 38Page - STMicroelectronics STM32F217VG Datasheet HTML 39Page - STMicroelectronics STM32F217VG Datasheet HTML 40Page - STMicroelectronics STM32F217VG Datasheet HTML 41Page - STMicroelectronics STM32F217VG Datasheet HTML 42Page - STMicroelectronics STM32F217VG Datasheet HTML 43Page - STMicroelectronics STM32F217VG Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 173 page
background image
Pinouts and pin description
STM32F21xxx
40/173
Doc ID 17050 Rev 8
--
-
7
D2
PI8(4)
I/O FT
PI8(5)
EVENTOUT
RTC_AF2
27
7
8
D1
PC13(4)
I/O FT
PC13(5)
EVENTOUT
RTC_AF1
38
8
9
E1 PC14(4)-OSC32_IN(6) I/O FT
PC14(5)
EVENTOUT
OSC32_IN
49
9
10
F1
PC15(4)-
OSC32_OUT(6)
I/O FT
PC15(5)
EVENTOUT
OSC32_OUT
-
-
-
11
D3
PI9
I/O FT
PI9
CAN1_RX / EVENTOUT
--
-
12
E3
PI10
I/O FT
PI10
ETH_MII_RX_ER/
EVENTOUT
--
-
13
E4
PI11
I/O FT
PI11
OTG_HS_ULPI_DIR/
EVENTOUT
--
-
14
F2
VSS_13
SVSS_13
--
-
15
F3
VDD_13
SVDD_13
-
-
10 16
E2
PF0
I/O FT
PF0
FSMC_A0 / I2C2_SDA/
EVENTOUT
-
-
11 17
H3
PF1
I/O FT
PF1
FSMC_A1 / I2C2_SCL/
EVENTOUT
-
-
12 18
H2
PF2
I/O FT
PF2
FSMC_A2 / I2C2_SMBA/
EVENTOUT
-
-
13 19
J2
PF3(6)
I/O FT
PF3
FSMC_A3/ EVENTOUT
ADC3_IN9
-
-
14 20
J3
PF4(6)
I/O FT
PF4
FSMC_A4/ EVENTOUT
ADC3_IN14
--
15 21
K3
PF5(6)
I/O FT
PF5
FSMC_A5/ EVENTOUT
ADC3_IN15
-10 16 22
G2
VSS_5
SVSS_5
-11 17 23
G3
VDD_5
SVDD_5
--
18 24
K2
PF6(6)
I/O FT
PF6
TIM10_CH1 /
FSMC_NIORD/ EVENTOUT
ADC3_IN4
--
19 25
K1
PF7(6)
I/O FT
PF7
TIM11_CH1/FSMC_NREG/
EVENTOUT
ADC3_IN5
-
-
20 26
L3
PF8(6)
I/O FT
PF8
TIM13_CH1 /
FSMC_NIOWR/ EVENTOUT
ADC3_IN6
-
-
21 27
L2
PF9(6)
I/O FT
PF9
TIM14_CH1 / FSMC_CD/
EVENTOUT
ADC3_IN7
-
-
22 28
L1
PF10(6)
I/O FT
PF10
FSMC_INTR/ EVENTOUT
ADC3_IN8
512 23 29
G1
PH0(6)-OSC_IN
I/O FT
PH0
EVENTOUT
OSC_IN
613 24 30
H1
PH1(6)-OSC_OUT
I/O FT
PH1
EVENTOUT
OSC_OUT
7
14 25 31
J1
NRST
I/O
NRST
Table 5.
STM32F21x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More