Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6710DWB6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6710DWB6F
Description  Low voltage, high accuracy, triple/quad voltage microprocessor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6710DWB6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6710DWB6F Datasheet HTML 7Page - STMicroelectronics STM6710DWB6F Datasheet HTML 8Page - STMicroelectronics STM6710DWB6F Datasheet HTML 9Page - STMicroelectronics STM6710DWB6F Datasheet HTML 10Page - STMicroelectronics STM6710DWB6F Datasheet HTML 11Page - STMicroelectronics STM6710DWB6F Datasheet HTML 12Page - STMicroelectronics STM6710DWB6F Datasheet HTML 13Page - STMicroelectronics STM6710DWB6F Datasheet HTML 14Page - STMicroelectronics STM6710DWB6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STM6700, STM6710
Operation
Doc ID 16887 Rev 2
11/21
2.3
Unused inputs
Connect unused monitor inputs to a supply voltage greater in magnitude than their specified
threshold voltages. For unused VxIN adjustable inputs connect a 1 M
Ω resistor between
unused input and V2IN or (VCC) to limit the bias current. Use V2IN for normal operation
(device power supply pin). Do not connect unused monitor inputs to ground or allow them to
float.
2.4
Adding manual reset capability
Figure 8 shows a circuit which can be used to add manual reset capability for the STM6710.
Depressing the push button switch short-circuits the analog input to ground and initiates
a RESET pulse. The switch must be open for at least 140 ms in order to deassert the
RESET output. No external switch debounce is required. A small capacitor may be used to
improve noise immunity. Figure 8 shows the addition of the manual reset capability.
Figure 8.
Adding manual reset capability for STM6710 input
V1IN
V2IN
V3IN
GND
RESET
V4IN
(ADJUSTABLE
INPUT)
R1
R2
AM04624v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com