Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152QD Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32L152QD
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152QD Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32L152QD Datasheet HTML 18Page - STMicroelectronics STM32L152QD Datasheet HTML 19Page - STMicroelectronics STM32L152QD Datasheet HTML 20Page - STMicroelectronics STM32L152QD Datasheet HTML 21Page - STMicroelectronics STM32L152QD Datasheet HTML 22Page - STMicroelectronics STM32L152QD Datasheet HTML 23Page - STMicroelectronics STM32L152QD Datasheet HTML 24Page - STMicroelectronics STM32L152QD Datasheet HTML 25Page - STMicroelectronics STM32L152QD Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
Functional overview
STM32L151xD STM32L152xD
22/140
Doc ID 022027 Rev 6
Figure 2.
Clock tree
1.
For the USB function to be available, both HSE and PLL must be enabled, with the CPU running at either
24 MHz or 32 MHz.
MS18583V1
LSI RC
LSE OSC
HSI RC
HSE
OSC
@V33
@VDDCORE
@V33
level shifters
level shifters
RTC
PLL
X 3,4,6,8,12
@V33
level shifters
LSE tempo
1 MHz clock
detector
@V33
LS
Watchdog
ck_pllin
source
control
Clock
Watchdog
enable
RTC enable
ck_hsi
ck_hse
HSE present or not
LSI tempo
ck_pll
AHB
prescaler
/ 1,2,..512
APB2
/ 1,2,4,8,16
APB1
/ 1,2,4,8,16
ck_usb = Vco / 2 (Vco must be at 96 MHz)
/ 8
CK_TIMSYS
CK_CPU
CK_FCLK
CK_PWR
CK_USB48
CK_TIMTGO
CK_APB1
CK_APB2
usben and (not deepsleep)
timer9en and (not deepsleep)
apb1 periphen and (not deepsleep)
apb2 periphen and (not deepsleep)
not (sleep or
deepsleep)
not (sleep or
deepsleep
not deepsleep
not deepsleep
Standby supplied voltage domain
System
clock
MCO
if (APB1 presc = 1)x1
else
x2
16,24,32,48
ck_lse
CK_LCD
/ 2, 3, 4
1 MHz
@VDDCORE
@VDDCORE
@VDDCORE
/ 1,2,4,8,16
LCD enable
MSI RC
@V33
@VDDCORE
level shifters
ck_msi
ck_lsi
CK_ADC
ADC enable
LS
LS LS
LS
LS
LS
/ 2,4,8,16
prescaler
prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com