Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F002B-55EIB Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29F002B-55EIB
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002B-55EIB Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29F002B-55EIB Datasheet HTML 1Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 2Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 3Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 4Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 5Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 6Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 7Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 8Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
Am29F002/Am29F002N
PREL I M I N AR Y
CONNECTION DIAGRAMS
3
4
5
2
1
9
10
11
12
13
27
26
25
24
23
7
8
22
21
6
32
31
20
14
30
29
28
15
16
19
18
17
A6
A5
A4
A3
A2
A1
A0
A16
DQ0
A15
A12
A7
DQ1
DQ2
VSS
A8
A9
A11
OE#
A10
CE#
DQ7
VCC
WE#
DQ6
A17
A14
A13
DQ5
DQ4
DQ3
NC
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A11
A9
A8
A13
A14
A17
WE#
VCC
RESET#
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
31 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
20818C-2
PDIP
Standard TSOP
PLCC
NC on Am29F00N
NC on Am29F00N
NC on Am29F00N
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com