Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6779 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6779
Description  Dual/triple ultra-low voltage supervisors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6779 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6779 Datasheet HTML 5Page - STMicroelectronics STM6779 Datasheet HTML 6Page - STMicroelectronics STM6779 Datasheet HTML 7Page - STMicroelectronics STM6779 Datasheet HTML 8Page - STMicroelectronics STM6779 Datasheet HTML 9Page - STMicroelectronics STM6779 Datasheet HTML 10Page - STMicroelectronics STM6779 Datasheet HTML 11Page - STMicroelectronics STM6779 Datasheet HTML 12Page - STMicroelectronics STM6779 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Description
Doc ID 11469 Rev 8
9/30
Figure 9.
Block diagram
1.
VCC2 input is available on STM6717/18/19/20/77/78.
2.
RSTIN available only on STM6719/20/79/80.
3.
MRC available only on STM6777/78/79/80.
Figure 10.
Hardware hookup
1.
VCC2 is available only on STM6717/18/19/20/77/78.
2.
RSTIN available only on STM6719/20/79/80.
3.
MRC available only on STM6777/78/79/80.
AI10421
VREF/2 = 0.626
RST
COMPARE
COMPARE
COMPARE
Logic
trec
Generator
RSTIN
(2)
VCC2
(1)
VCC1
VRST2
VRST1
MR
MRC
(3)
VCC1
AI10422
VCC1
VCC2
VSS
VCC1
MR
MRC
(3)
0.1µF
STM67xx
RSTIN
(2)
RST
RST (To Processor Reset)
Push-button
Switch
C
R1
From DC/DC Converter
R2
VCC2(1)
VCC3
0.1µF
VCC3 = (626.5mV)
(
R1 + R2
R2
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com