Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP5N52K3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP5N52K3
Description  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N52K3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP5N52K3 Datasheet HTML 4Page - STMicroelectronics STP5N52K3 Datasheet HTML 5Page - STMicroelectronics STP5N52K3 Datasheet HTML 6Page - STMicroelectronics STP5N52K3 Datasheet HTML 7Page - STMicroelectronics STP5N52K3 Datasheet HTML 8Page - STMicroelectronics STP5N52K3 Datasheet HTML 9Page - STMicroelectronics STP5N52K3 Datasheet HTML 10Page - STMicroelectronics STP5N52K3 Datasheet HTML 11Page - STMicroelectronics STP5N52K3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STB5N52K3, STD5N52K3, STF5N52K3, STP5N52K3, STU5N52K3
8/23
Doc ID 16952 Rev 2
Figure 14.
Normalized gate threshold voltage
vs temperature
Figure 15.
Normalized on resistance vs
temperature
Figure 16.
Source-drain diode forward
characteristics
Figure 17.
Maximum avalanche energy vs
starting Tj
VGS(th)
1.00
0.90
0.80
0.70
-75
TJ(°C)
(norm)
-25
1.10
75
25
125
ID=50µA
AM08846v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
2.5
0
AM08847v1
VSD
0
2
ISD(A)
(V)
1
5
3
4
0
0.1
0.2
0.3
0.4
0.5
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.7
0.8
0.9
AM08848v1
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
10
20
30
40
120
140
50
60
70
80
100
110
ID=4.4A
90
AM08849v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com