Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD5N52K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD5N52K3
Description  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5N52K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD5N52K3 Datasheet HTML 3Page - STMicroelectronics STD5N52K3 Datasheet HTML 4Page - STMicroelectronics STD5N52K3 Datasheet HTML 5Page - STMicroelectronics STD5N52K3 Datasheet HTML 6Page - STMicroelectronics STD5N52K3 Datasheet HTML 7Page - STMicroelectronics STD5N52K3 Datasheet HTML 8Page - STMicroelectronics STD5N52K3 Datasheet HTML 9Page - STMicroelectronics STD5N52K3 Datasheet HTML 10Page - STMicroelectronics STD5N52K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STB5N52K3, STD5N52K3, STF5N52K3, STP5N52K3, STU5N52K3
Electrical characteristics
Doc ID 16952 Rev 2
7/23
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on resistance
Figure 12.
Gate charge vs gate-source voltage Figure 13.
Capacitance variations
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
25
8
10
5V
6V
7V
VGS=10V
AM08840v1
ID
3
2
1
0
0
4
VGS(V)
8
(A)
2
6
4
5
6
7
1
3
5
7
9
VDS=15V
AM08841v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
ID=1mA
AM08842v1
RDS(on)
1.15
1.10
1.05
1.00
0
2.0
ID(A)
(
Ω)
1.0
3.0
1.20
1.25
1.30
1.35
VGS=10V
4.0
1.40
1.45
AM08843v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=420V
ID=4.4A
25
12
300
200
100
0
400
VDS
VGS
50
150
250
350
AM08844v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM08845v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com