Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP5NK65ZFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP5NK65ZFP
Description  N-channel 650 V, 1.5 ohm, 4.5 A TO-220FP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK65ZFP Datasheet(HTML) 3 Page - STMicroelectronics

  STP5NK65ZFP Datasheet HTML 1Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 2Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 3Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 4Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 5Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 6Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 7Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 8Page - STMicroelectronics STP5NK65ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP5NK65ZFP
Electrical characteristics
Doc ID 15565 Rev 1
3/12
2
Electrical characteristics
(Tcase =25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-source
breakdown voltage
ID =1 mA, VGS = 0
650
-
-
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS=max rating
VDS=max rating @125 °C
--
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
-
-
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 2.1 A
-
1.5
1.8
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward transconductance VDS =10 V, ID = 2.1 A
-
5
-
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1MHz,
VGS = 0
-
680
80
17
-
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
98
-
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 520 V, ID = 4.5 A,
VGS = 10 V
Figure 16
-
25
4.4
13.7
35
nC
nC
nC
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 325 V, ID = 2.1 A,
RG = 4.7 Ω, VGS = 10 V
Figure 15
-
20
15
140
40
-
ns
ns
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
VDD = 325 V, ID = 2.1 A,
RG =4.7 Ω, VGS = 10 V
Figure 15
-
12
7
15
-
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com