Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP16CPC26TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP16CPC26TTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26TTR Datasheet(HTML) 5 Page - STMicroelectronics

  STP16CPC26TTR Datasheet HTML 1Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 2Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 3Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 4Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 5Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 6Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 7Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 8Page - STMicroelectronics STP16CPC26TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
STP16CPC26
Electrical characteristics
Doc ID 18469 Rev 4
5/26
3
Electrical characteristics
V
DD
= 3.3 V - 5 V, T
A
= 25°C, unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vdd
Supply voltage
3
5.5
V
VIH
Input voltage high Level
0.8*Vdd
-
Vdd
VIL
Input voltage low Level
GND
-
0.2*Vdd
VOL
Serial data output voltage
(SDO)
(1)
I
OH
=- 1mA
I
OL
=+ 1mA
--
0.4
VOH
VDD -0.4
-
-
IOH
Output leakage current
Vo = 20V, Outn = OFF
-
-
0.5
μA
ΔI
OL1
Current accuracy
channel to channel
(2) (3)
Vds=0.3V, Rext=900
Ω, I
OL
= 22mA
-
±1
±3
%
ΔI
OL2
Vds=0.6V, Rext=360
Ω, I
OL
= 55mA
-
±1
±3
ΔI
OL3
Current accuracy
device to device
(2)
Vds=0.3V, Rext=900
Ω, I
OL
= 22mA
-
-
±6
%
ΔI
OL4
Vds=0.6V, Rext=360
Ω, I
OL
= 55mA
-
-
±6
R
IN
(up)
Pull-up resistor for OE pin
250
500
800
K
Ω
R
IN
(down)
Pull-down resistor for LE pin
250
500
800
IDD(OFF1)
Supply current (OFF)
REXT = OPEN
OUT 0 to 15 = OFF
-3
7
mA
IDD(OFF2)
REXT = 900
Ω
OUT 0 to 15 = OFF
-7
10
IDD(OFF3)
REXT = 360
Ω
OUT 0 to 15 = OFF
-11
13.5
IDD(ON1)
Supply current (ON)
REXT = 900
Ω
OUT 0 to 15 = ON
-7
11
IDD(ON2)
REXT = 360 Ù
OUT 0 to 15 = ON
-11
15
%/dV
DS
Output current vs. output
voltage regulation
(4)
V
DS
from 1.0V to 3.0V
Io=22mA
Io=55mA
-±0.1
-
%/V
%/dV
DD
Output current vs. supply
voltage regulation
(4)
Io=22mA; V
DS
=0.3V
Io=55mA; V
DS
=0.6V
-±1
-
%/V
Tsd
Thermal shutdown
-
170
-
°C
Tsd-hy
Thermal shutdown
hysteresis
(4)
-15
20
1.
Specification referred to T
J
from -40 °C to +125 °C. Specification over the -40 to +125 °C T
J
temperature range are assured
by design, characterization and statistical correlation.
2.
Tested with just one output ON.
3.
Δ
IOL+
= ((I
OLmax
- I
OLmean
)/ I
OLmean
)*100,
Δ
IOL-
= ((I
OLmin
- I
OLmean
)/ I
OLmean
)*100, where I
OLmean
=
(I
OLout1
+I
OLout2
+…+I
OLout16
) / 16
4.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com