Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2L40UF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L40UF
Description  Low drop power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L40UF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L40UF Datasheet HTML 1Page - STMicroelectronics STPS2L40UF Datasheet HTML 2Page - STMicroelectronics STPS2L40UF Datasheet HTML 3Page - STMicroelectronics STPS2L40UF Datasheet HTML 4Page - STMicroelectronics STPS2L40UF Datasheet HTML 5Page - STMicroelectronics STPS2L40UF Datasheet HTML 6Page - STMicroelectronics STPS2L40UF Datasheet HTML 7Page - STMicroelectronics STPS2L40UF Datasheet HTML 8Page - STMicroelectronics STPS2L40UF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2008
Rev 4
1/10
10
STPS2L40
Low drop power Schottky rectifier
Features
■ Very small conduction losses
■ Negligible switching losses
■ Low forward voltage drop
■ Surface mount miniature package
■ Avalanche capability specified
■ ECOPACK2
® halogen-free component
(SMAflat and SMBflat)
Description
Single chip Schottky rectifiers suited to Switched
Mode Power Supplies and high frequency DC to
DC converters.
Packaged in SMB, low profile SMB and low profile
SMA, this device is especially intended for surface
mounting and used in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
Table 1.
Device summary
IF(AV)
2 A
VRRM
40 V
Tj (max)
150 °C
VF(max)
0.34 V
K
A
K
A
K
A
SMB
STPS2L40U
SMBflat
STPS2L40UF
SMAflat
STPS2L40AF
www.st.com


Similar Part No. - STPS2L40UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L40UF STMICROELECTRONICS-STPS2L40UF Datasheet
105Kb / 8P
Low drop power Schottky rectifier
31-Jan-2007
STPS2L40UF STMICROELECTRONICS-STPS2L40UF Datasheet
390Kb / 17P
40 V, 2 A low drop power Schottky rectifier
27-Sep-2019
More results

Similar Description - STPS2L40UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com