Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102AIDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM102AIDT
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102AIDT Datasheet(HTML) 6 Page - STMicroelectronics

  TSM102AIDT Datasheet HTML 1Page - STMicroelectronics TSM102AIDT Datasheet HTML 2Page - STMicroelectronics TSM102AIDT Datasheet HTML 3Page - STMicroelectronics TSM102AIDT Datasheet HTML 4Page - STMicroelectronics TSM102AIDT Datasheet HTML 5Page - STMicroelectronics TSM102AIDT Datasheet HTML 6Page - STMicroelectronics TSM102AIDT Datasheet HTML 7Page - STMicroelectronics TSM102AIDT Datasheet HTML 8Page - STMicroelectronics TSM102AIDT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
This application note explains how to use the
TSM102 in an SMPS-type battery charger which
features :
s Voltage Control
s Current Control
s Low Battery Detection and End Of Charge
Detection
1 - TSM102 PRESENTATION
The TSM102 integrated circuit includes two Oper-
ational Amplifiers, two Comparators and one ad-
justable precision Voltage Reference (2.5V to
36V, 0.4% or 1%).
TSM102 can sustain up to 36V power supply volt-
age.
Figure 1: TSM102 Pinout
2 - APPLICATION CONTEXT AND PRINCIPLE
OF OPERATION
In the battery charging field which requires ever in-
creasing performances in more and more reduced
space, the TSM102A provides an attractive solu-
tion in terms of PCB area saving, precision and
versatility.
Figure 2 shows the secondary side of a battery
charger (SMPS type) where TSM102A is used in
optimised conditions : the two Operational Amplifi-
ers perform current and voltage control, the two
Comparators provide “End of Charge” and “Low
Battery” signals and the Voltage Reference en-
sures precise reference for all measurements.
The TSM102A is supplied by an auxiliary power
supply (forward configuration - D7) regulated by a
bipolar transistor and a zener diode on its base
(Q2 and DZ), and smoothed by the capacitors C3
and C4. R15 polarizes the base of the transistor
and at the same time limits the current through the
zener diode during regulation mode of the auxilia-
ry power supply.
The current and voltage regulations are made
thanks to the two Operational Amplifiers.
The first amplifier senses the current flow through
the sense resistor Rs and compares it with a part
of the reference voltage (resistor bridge R7, R8,
R9). The second amplifier compares the reference
voltage with a part of the charger’s output (resistor
bridge R1, R2, R3).
When either of these two operational amplifiers
tends to lower its ouput, this linear information is
propagated towards the primary side via two OR-
ing diodes (D1, D2) and an optocoupler (D3). The
compensation loops of these regulation functions
are ensured by the capacitors C1 and C2.
1
2
3
14
15
16
5
6
7
12
11
10
V
CC+
Vref
Cathode
V
CC-
COMP
COMP
TSM102
APPLICATION NOTE
A BATTERY CHARGER USING THE TSM102



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com