Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPCI-R6200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6200
Description  Two USB 3.0, four GbE ports on front panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6200 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
(1) Removable adapter design. SATA adapter by default, can be replaced with CF, CFast or SAS adapter.
(2) Tx, Rx signals only.
(3) Two 7-pin signal connectors onboard for external HDDs and one direct connector for onboard 2.5” SATA drive. SATA direct connector can be replaced by CompactFlash
adapter (DB-6920CF) for CF slot.
(4) Converted from USB.
(5) Space is reserved onboard for one 2.5” SATA drive.
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-6930D/2448/M12G
8HP cPCI-6930 with Intel® Xeon® E5-2448L
processor and 3x 4GB DDR3-1333 RDIMM with
GbE x4, USB2.0 x3, USB3.0 x2, VGA, COM, SATA,
PMC/XMC
cPCI-6930D/2428/M8G
8HP cPCI-6930 with Intel® Xeon® E5-2428L
processor and 2x 4GB DDR3-1333 RDIMM with
GbE x4, USB2.0 x3, USB3.0 x2, VGA, COM, SATA,
PMC/XMC
cPCI-6930D/2418/M6G
8HP cPCI-6930 with Intel® Xeon® E5-2418L
processor and 3x 2GB DDR3-1333 RDIMM with
GbE x4, USB2.0 x3, USB3.0 x2, VGA, COM, SATA,
PMC/XMC
Rear Transition Modules
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4,
SATA x2, VGA, PS/2, CF, SD socket
cPCI-R6110
4HP Rear I/O module with GbE x2, COM, USB x4,
SATA x3, VGA, PS/2, CF, SD socket
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x6, VGA,
SATA x3, Mic-in, Line-out, PS/2 KB/MS, SAS x8
cPCI-R6700D
8HP Rear I/O module with discrete GPU ATI/AMD
E4690, DVI-I x2, GbE x2, USB x3, COM x2, PS/2,
SATA x3, audio header
cPCI-R6500D
2-slot 8HP cPCI-R6500D with AMD Radeon E6760
MXM module, 2x GbE, 1x DVI-I, 1xDVI-D, 1x USB,
3x SATA and 10-pin KB/MS, audio, 2x COM headers
Accessories
DB-SAS
SAS adapter board
DB-CFast
CFast socket adapter board with screws
Contact your ADLINK representative for different CPU, memory and storage combinations.
See 6U RTM selection guide for more options
GbE
USB
2.0
USB
3.0
COM
DVI
VGA
PMC/
XMC
SATA
CFast
CF
Mic-in
Line-
out
PS/2
KB/MS
SD
SAS
SBC
cPCI-6930D
Faceplate
4
3
2
1
1
1
Onboard
1(1)
1(1)
1(1)
1(1)
RTM
cPCI-R6100
Faceplate
4
4
1 (RJ-45)
1
1
Onboard
2
(7-pin)
1
1
cPCI-R6200
Faceplate
2
5
1 (DB-9)
1
1
1
1
4 (SFF-
8088)
Onboard
1
(5-pin)
1(5)
(10-pin)
3(3)
1
(optional) (3)
4 (SFF-
8087)
cPCI-R6700D Faceplate
2
3
1 (DB-9)
2 DVI-I
1
Onboard
2
1(2)
(10-pin)
3(5)
(7-pin)
1
(10-pin)
cPCI-R6501D Faceplate
2
1
1 (DB-9)
2 (DVI-I+DVI-D)
Onboard
1 (10-pin)
1(2)
(10-pin)
3(5)
(7-pin)
1 (10-pin)
1 (10-pin)
cPCI-R6700D
PS/2
KB/MS
COM
USB x3
LAN x2
SATA x3
DVI-I x2
USB x2
SATA
Line-out
Mic-in
USB
SATA
iSAS
COM
DVI-I
USB
USB
eSAS
COM
USB
GbE
GbE
KB/MS
cPCI-R6200
cPCI-R6100
CF
DVI-D
COM
LAN
LAN
SD
VGA
USB x4
PS/2 KB/MS
cPCI-R6500D
SATA
LAN
MxM
Module
DVI
2-10
7
2
1
3
4
5
6
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com