Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7631BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7631BCPZ
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7631BCPZ Datasheet HTML 9Page - Analog Devices AD7631BCPZ Datasheet HTML 10Page - Analog Devices AD7631BCPZ Datasheet HTML 11Page - Analog Devices AD7631BCPZ Datasheet HTML 12Page - Analog Devices AD7631BCPZ Datasheet HTML 13Page - Analog Devices AD7631BCPZ Datasheet HTML 14Page - Analog Devices AD7631BCPZ Datasheet HTML 15Page - Analog Devices AD7631BCPZ Datasheet HTML 16Page - Analog Devices AD7631BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7631
Rev. A | Page 13 of 32
0
–180
0
FREQUENCY (kHz)
200
250
300
50
100
150
–20
–40
–60
–80
–100
–120
–140
–160
fS = 250kSPS
fIN = 20.1kHz
SNR = 98.3dB
THD = –116.8dB
SFDR = 121dB
SINAD = 97.8dB
Figure 11. FFT 20 kHz, Bipolar 5 V Range, Internal Reference
80
82
84
86
88
90
92
94
96
98
100
1
10
100
1000
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
SNR
SINAD
ENOB
FREQUENCY (kHz)
Figure 12. SNR, SINAD, and ENOB vs. Frequency, Unipolar 5 V Range
TEMPERATURE (°C)
97
98
99
100
101
102
103
–55
–35
–15
5
25
45
65
85
105
125
0V TO 10V
0V TO 5V
±5V
±10V
Figure 13. SNR vs. Temperature
INPUT LEVEL (dB)
100.0
100.5
101.0
101.5
102.0
102.5
103.0
–60
–50
–40
–30
–20
–10
0
±10V
±5V
0V TO 10V
0V TO 5V
SNR
SINAD
Figure 14. SNR and SINAD vs. Input Level (Referred to Full Scale)
1
10
100
1000
FREQUENCY (kHz)
0
20
40
60
80
100
120
140
SFDR
THD
SECOND
HARMONIC
THIRD
HARMONIC
–140
–130
–120
–110
–100
–90
–80
–70
Figure 15. THD, Harmonics, and SFDR vs. Frequency, Unipolar 5 V Range
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
97
98
99
100
101
102
103
0V TO 10V
0V TO 5V
±5V
±10V
Figure 16. SINAD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com