Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMWF159-01 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMWF159-01
Description  Waveguide Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMWF159-01 Datasheet(HTML) 1 Page - API Technologies Corp

  CMWF159-01 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMWF159-01
Waveguide Bandpass Filter
Passband:
30 MHz
Tunable over 7100 – 7900 MHz
Insertion Loss:
1.0 dB max.
Flatness:
0.15 dB / 15 MHz
Return Loss:
26 dB min.
Rejection:
Fo+/- 70 MHz
41 dB min.
Fo+/- 104 MHz
63 dB min.
Fo+/- 119 MHz
69 dB min.
Connectors:
WR-112 / SMA Female
Operating Temperature:
0 to +60° Celsius
Storage Temperature
-40° to +85° Celsius
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMWF159-01

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMWF159-02 APITECH-CMWF159-02 Datasheet
107Kb / 1P
Waveguide Bandpass Filter
More results

Similar Description - CMWF159-01

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
logo
API Technologies Corp
CMWF159-02 APITECH-CMWF159-02 Datasheet
107Kb / 1P
Waveguide Bandpass Filter
CMWF138-28 APITECH-CMWF138-28 Datasheet
106Kb / 1P
Waveguide Bandpass Filter
CMWF138-27 APITECH-CMWF138-27 Datasheet
105Kb / 1P
Waveguide Bandpass Filter
CMWF138-26 APITECH-CMWF138-26 Datasheet
106Kb / 1P
Waveguide Bandpass Filter
CMWF138-25 APITECH-CMWF138-25 Datasheet
105Kb / 1P
Waveguide Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com