Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2375-4 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 2375-4
Description  QUADRATURE HYBRID
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

2375-4 Datasheet(HTML) 1 Page - API Technologies Corp

  2375-4 Datasheet HTML 1Page - API Technologies Corp 2375-4 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
QUADRATURE HYBRID
SPECIFICATION
MULTI-OCTAVE BAND, 3 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
COUPLED
OUTPUT
< -90o
ISOLATED
2375 SERIES
SPECIFICATIONS
Frequency
(GHz)
Loss1
max
(dB)
Unbalance2
max
(dB)
VSWR
max
Isolation
min
(dB)
Deviation
from Phase
Quadrature
typ
Model
Number
.5-2.0
.40
1
1.15
24
± 2o
2375-1
1.0-4.0
.40
1
1.25
22
± 3o
2375-2
2.0-8.0
.40
1
1.30
20
± 5o
2375-3
4.0-12.4
.40
1
1.35
18
± 5o
2375-4
6.5-18.0
.60
1
1.35
16
± 4o
2375-5
1.0-18.0
.803
2.2
1.50
15
± 10o
2375-7
2.0-18.0
.604
2.2
1.45
205
± 8o
2375-9
Average power rating 50 watts, normalized at 1 GHz, 1.5 kW peak.
NOTES:
1. Maximum loss is the actual dissipative loss and reflective loss due to VSWR. It does not include coupling loss.
2. Unbalance is measured as the difference between the coupled and mainline output ports from the mean coupling at each frequency.
3. 1.2 dB 6-12 GHz…1.6 dB 12-18 GHz
4. 1 dB loss 6-12.4 GHz…1.25 dB loss 12.4-18 GHz
5. 16 dB minimum from 12.4-18 GHz
CONFIGURATIONS
FEATURES
• Up to 18:1 Bandwidths
• Models from .5 to 18 GHz
• SMA Connectors
• Meet MIL-E-5400 Class 3 or Equivalent
• Screenable to MIL-P-23971 or Equivalent
COUPLED
OUTPUT
< 0o
MAIN
OUTPUT
< -90o
IN
ISOLATED
2375-1, -2, -3, -4 & -5
MAIN
OUTPUT
< 0o
2375-7 & 2375-9
IN


Similar Part No. - 2375-4

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
2375-4 APITECH-2375-4 Datasheet
291Kb / 5P
Octave Band and Broadband
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
QUADRATURE HYBRID
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
QUADRATURE HYBRID
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
QUADRATURE HYBRID MULTI-OCTAVE BAND
2375-4 APITECH-2375-4 Datasheet
187Kb / 2P
QUADRATURE HYBRID
More results

Similar Description - 2375-4

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHD-3C-3.4G MERRIMAC-QHD-3C-3.4G Datasheet
244Kb / 5P
QUADRATURE HYBRID
logo
API Technologies Corp
752 APITECH-752 Datasheet
154Kb / 1P
QUADRATURE HYBRID
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
QUADRATURE HYBRID
751 APITECH-751 Datasheet
154Kb / 1P
QUADRATURE HYBRID
750 APITECH-750 Datasheet
154Kb / 1P
QUADRATURE HYBRID
749 APITECH-749 Datasheet
153Kb / 1P
QUADRATURE HYBRID
logo
M/A-COM Technology Solu...
JH_JHS-113 MA-COM-JH_JHS-113 Datasheet
90Kb / 3P
Quadrature Hybrid
JH_JHS-114_JH-133 MA-COM-JH_JHS-114_JH-133 Datasheet
99Kb / 3P
Quadrature Hybrid
JH_JHS-119 MA-COM-JH_JHS-119 Datasheet
92Kb / 3P
Quadrature Hybrid
JH_JHS-121 MA-COM-JH_JHS-121 Datasheet
93Kb / 3P
Quadrature Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com