Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7726 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL7726
Description  HEX CLAMPING CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7726 Datasheet(HTML) 2 Page - Texas Instruments

  TL7726 Datasheet HTML 1Page - Texas Instruments TL7726 Datasheet HTML 2Page - Texas Instruments TL7726 Datasheet HTML 3Page - Texas Instruments TL7726 Datasheet HTML 4Page - Texas Instruments TL7726 Datasheet HTML 5Page - Texas Instruments TL7726 Datasheet HTML 6Page - Texas Instruments TL7726 Datasheet HTML 7Page - Texas Instruments TL7726 Datasheet HTML 8Page - Texas Instruments TL7726 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL7726
HEX CLAMPING CIRCUITS
SLAS078C – SEPTEMBER 1993 – REVISED JULY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Reference voltage, Vref
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Clamping current, IIK
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
MAX
UNIT
Reference voltage, Vref
4.5
5.5
V
Input clamping current IIK
VI ≥ Vref
25
mA
Input clamping current, IIK
VI ≤ GND
–25
mA
TL7726C
0
70
Operating free-air temperature range, TA
TL7726I
–40
85
°C
TL7726Q
–40
125
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK +
Positive clamp voltage
II = 20 mA
Vref
Vref + 200
mV
VIK –
Negative clamp voltage
II = 20 mA
– 200
0
mV
IZ
Reference current
Vref = 5 V
25
60
µA
Vref – 50 mV ≤ VI ≤ Vref
10
II
Input current
GND
≤ VI ≤ 50 mV
–10
µA
50 mV
≤ VI ≤ Vref – 50 mV
–1
1
‡ All typical values are at TA = 25°C.
switching characteristics specified at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
t
Settling time
VI(system) = ±13 V,
RI = 600 Ω,
tt < 1 µs,
30
µs
ts
Settling time
I(system)
,
Measured at 10% to 90%,
I
,
See Figure 1
t
µ ,
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com