Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC339IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC339IPW
Description  LinCOMS MICROPOWER QUAD COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC339IPW Datasheet(HTML) 1 Page - Texas Instruments

  TLC339IPW Datasheet HTML 1Page - Texas Instruments TLC339IPW Datasheet HTML 2Page - Texas Instruments TLC339IPW Datasheet HTML 3Page - Texas Instruments TLC339IPW Datasheet HTML 4Page - Texas Instruments TLC339IPW Datasheet HTML 5Page - Texas Instruments TLC339IPW Datasheet HTML 6Page - Texas Instruments TLC339IPW Datasheet HTML 7Page - Texas Instruments TLC339IPW Datasheet HTML 8Page - Texas Instruments TLC339IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
SLCS119B − DECEMBER 1986 − REVISED DECEMBER 2006
1
WWW.TI.COM
D Very Low Power . . . 200 µW Typ at 5 V
D Fast Response Time . . . 2.5 µs Typ With
5-mV Overdrive
D Single Supply Operation:
TLC139M ...4 V to 16 V
TLC339M ...4 V to 16 V
TLC339C ...3 V to 16 V
TLC339I ...3 V to 16 V
D High Input Impedance ...1012 Ω Typ
D Input Offset Voltage Change at Worst Case
Input at Condition Typically 0.23
µV/Month
Including the First 30 Days
D On-Chip ESD Protection
description
The
TLC139/TLC339
consists
of
four
independent
differential-voltage
comparators
designed to operate from a single supply. It is
functionally similar to the LM139/LM339 family but
uses 1/20th the power for similar response times.
The open-drain MOS output stage interfaces to a
variety of leads and supplies, as well as wired
logic functions. For a similar device with a
push-pull output configuration, see the TLC3704
data sheet.
The Texas Instruments LinCMOS
 process offers
superior analog performance to standard CMOS
processes. Along with the standard CMOS
advantages of low power without sacrificing
speed, high input impedance, and low bias
currents,
the
LinCMOS
 process offers
extremely stable input offset voltages, even with
differential input stresses of several volts. This
characteristic makes it possible to build reliable
CMOS comparators.
AVAILABLE OPTIONS
VIO
PACKAGE
TA
VIO
max AT
25
°C
SMALL
OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(P)
TSSOP
(PW)
0
°C to 70°C
5 mV
TLC339CD
—
—
TLC339CN
TLC339CPW
−40
°C to 85°C
5 mV
TLC339ID
—
—
TLC339IN
TLC339IPW
−40
°C to 125°C
5 mV
TLC339QD
—
—
TLC339QN
—
−55
°C to 125°C
5 mV
TLC339MD
TLC139MFK
TLC139MJ
TLC339MN
—
The D and PW packages are available taped and reeled. Add the suffix R to the device type (e.g., TLC339CDR or TLC339CPWR).
Copyright
 1991−2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VDD
2IN −
2IN +
1IN −
1IN +
3OUT
4OUT
GND
4IN +
4IN −
3IN +
3IN −
D, J, N, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN +
NC
4IN −
VDD
NC
2IN −
NC
2IN +
FK PACKAGE
(TOP VIEW)
NC − No internal connection
symbol (each comparator)
IN +
IN −
OUT


Similar Part No. - TLC339IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC339IPW TI2-TLC339IPW Datasheet
1Mb / 35P
LinCMOS™ MICROPOWER QUAD COMPARATORS
REVISED DECEMBER 2006
TLC339IPWR TI2-TLC339IPWR Datasheet
1Mb / 35P
LinCMOS™ MICROPOWER QUAD COMPARATORS
REVISED DECEMBER 2006
TLC339IPWR.A TI2-TLC339IPWR.A Datasheet
1Mb / 35P
LinCMOS™ MICROPOWER QUAD COMPARATORS
REVISED DECEMBER 2006
More results

Similar Description - TLC339IPW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Sep-1998
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Jan-1999
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
Texas Instruments
TLC139 TI-TLC139 Datasheet
258Kb / 17P
LinCMOSE MICROPOWER QUAD COMPARATORS
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
logo
STMicroelectronics
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
Micropower Quad CMOS Voltage Comparators
Aug-2005
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com