Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1078IPE4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC1078IPE4
Description  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1078IPE4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC1078IPE4 Datasheet HTML 17Page - Texas Instruments TLC1078IPE4 Datasheet HTML 18Page - Texas Instruments TLC1078IPE4 Datasheet HTML 19Page - Texas Instruments TLC1078IPE4 Datasheet HTML 20Page - Texas Instruments TLC1078IPE4 Datasheet HTML 21Page - Texas Instruments TLC1078IPE4 Datasheet HTML 22Page - Texas Instruments TLC1078IPE4 Datasheet HTML 23Page - Texas Instruments TLC1078IPE4 Datasheet HTML 24Page - Texas Instruments TLC1078IPE4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
TA = 0°C
TA = – 55°C
1800
1600
1400
1200
1000
800
600
400
200
14
12
10
8
6
4
0
16
2000
VDD – Supply Voltage – V
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION†
vs
SUPPLY VOLTAGE
TA = – 40°C
TA = 125°C
TA = 85°C
TA =70°C
TA =25°C
RL = 1 MΩ
Figure 20
2000
200
400
600
800
1000
1200
1400
1600
1800
VDD = 10 V
VDD = 5 V
RL = 1 MΩ
– 75
TA – Free-Air Temperature – °C
125
0
– 50
– 25
0
25
50
75
100
LARGE SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION†
vs
FREE-AIR TEMPERATURE
Phase Shift
VDD = 5 V
RL = 1 MΩ
TA = 25°C
180
°
0
°
30
°
60
°
90
°
120
°
150
°
100 k
10 k
1 k
100
10
0.1
1 M
f – Frequency – Hz
1
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
10 6
10 5
10 4
10 3
10 2
101
1
AVD
Figure 21
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com