Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32046MFKB Datasheet(PDF) 27 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 23Page - Texas Instruments TLC32046MFKB Datasheet HTML 24Page - Texas Instruments TLC32046MFKB Datasheet HTML 25Page - Texas Instruments TLC32046MFKB Datasheet HTML 26Page - Texas Instruments TLC32046MFKB Datasheet HTML 27Page - Texas Instruments TLC32046MFKB Datasheet HTML 28Page - Texas Instruments TLC32046MFKB Datasheet HTML 29Page - Texas Instruments TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
2–13
FSR
FSX
Period A
Receive Conversion
Transmit Conversion Period
t1
Period B
Receive Conversion
Figure 2–5. More Than One Receive Frame Sync Between Two Transmit Frame Syncs
2.22 More Than One Transmit Frame Sync Occurring Between Two Receive
Frame Syncs – Asynchronous Operation
When incrementally adjusting the conversion period via the A + A
′ or A – A′ register options, a specific
protocol must be followed. For both transmit and receive conversion periods, the incremental conversion
period adjustment is performed near the end of the conversion period. The command to use the incremental
conversion period adjust options is sent to the AIC during an FSX frame sync. The ongoing transmit
conversion period is then adjusted. However, three possibilities exist for the receive conversion period
adjustment as shown in Figure 2–6. When the adjustment command is issued during transmit conversion
period A, receive conversion period A is adjusted if there is sufficient time between t1 and t2. If there is not
sufficient time between t1 and t2, receive conversion period B is adjusted. The third option is that the receive
portion of an adjustment command can be ignored if the adjustment command is sent during a receive
conversion period, which is adjusted due to a prior adjustment command. For example, if adjustment
commands are issued during transmit conversion periods A, B, and C, the first two commands may cause
receive conversion periods A and B to be adjusted, while the third receive adjustment command is ignored.
The third adjustment command is ignored since it was issued during receive conversion period B, which
already is adjusted via the transmit conversion period B adjustment command.
FSR
FSX
Receive Conversion Period B
Receive Conversion Period A
t2
t1
Period C
Conversion
Transmit
Period B
Conversion
Transmit
Period A
Conversion
Transmit
Figure 2–6. More Than One Transmit Frame Sync Between Two Receive Frame Syncs
2.23 More than One Set of Primary and Secondary DX Serial Communications
Occurring Between Two Receive Frame Syncs (See DX Serial Data Word
Format section) – Asynchronous Operation
The TA, TA
′, TB, and control register information that is transmitted in the secondary communication is
accepted and applied during the ongoing transmit conversion period. If there is sufficient time between t1
and t2, the TA, RA′, and RB register information, sent during transmit conversion period A, is applied to
receive conversion period A; otherwise, this information is applied during receive conversion period B. If RA,
RA
′, and RB register information has been received and is being applied during an ongoing conversion
period, any subsequent RA, RA
′, or RB information received during this receive conversion period is
disregarded (see Figure 2–7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com