Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2541PFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK2541PFPR
Description  1 TO 2.6 GBPS TRANSCEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2541PFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK2541PFPR Datasheet HTML 9Page - Texas Instruments TLK2541PFPR Datasheet HTML 10Page - Texas Instruments TLK2541PFPR Datasheet HTML 11Page - Texas Instruments TLK2541PFPR Datasheet HTML 12Page - Texas Instruments TLK2541PFPR Datasheet HTML 13Page - Texas Instruments TLK2541PFPR Datasheet HTML 14Page - Texas Instruments TLK2541PFPR Datasheet HTML 15Page - Texas Instruments TLK2541PFPR Datasheet HTML 16Page - Texas Instruments TLK2541PFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLK2541
www.ti.com
SLLS779B
– JANUARY 2008 – REVISED APRIL 2008
Table 3. Transmit Data Controls
TXD[16]
TXD[17]
16 BIT PARALLEL INPUT FULL RATE WITH 8B/10B CODING
0
0
Valid data on TXD[0:7],
Valid data TXD[8:15]
0
1
Valid data on TXD[0:7],
K code on TXD[8:15]
1
0
K code on TXD[0:7],
Valid data on TXD[8:15]
1
1
K code on TXD[0:7],
K code on TXD[8:15]
TXD[16]
8 BIT PARALLEL INPUT HALF RATE WITH 8B/10B CODING
0
Valid data on TXD[0:7]
1
K code on TXD[0:7]
8B/10B Bypass Mode
When control pin CTRL0 and CTRL1 are both held low, the TLK2541 will bypass the integrated 8B/10B encode
logic and will serialize the parallel data as it is presented to the parallel bus without coding or modification. Data
is serialized least-significant bit first, so bit TXD[0] is the first bit to be transmitted and bit TXD[19] is the last bit
transmitted. For all other combinations of CTRL0 and CTRL1, the data path includes the integrated 8B/10B
encode logic. In this mode, bits TXD[0:7] are presented to the lower order encoder, and bit TXD[16] controls
whether this byte is coded as Dx.y or as Kx.y. If TXD[16] is low, then the data is coded as Dx.y. If TXD[16] is
high, then the data is coded as Kx.y. Bits TXD[8:15] are presented to the higher order encoder, and bit TXD[17]
controls whether the data is coded as Dx.y or Kx.y. When TXD[16] or TXD[17] are used to generate Dx.y codes,
all possible combinations of the data codes are valid. However, there are only 12 valid Kx.y codes defined by the
8B/10B coding definition. To generate one of these valid K codes, the proper data bit combination must be
presented on the data bus. For example, to generate a K28.5 on the lower order byte, bit TXD[16] is set to logic
‘1’ and bits TXD[0:7] are set to ‘10111100’. If the K control bit is set while the data bus is set for an undefined
Kx.y code (such as K0.9), then the output of the encoder is undefined and not specified to be valid. When either
CTRL0 or CTRL1 are set to logic
‘1’, data presented on the parallel bus TDX[0:17] is presented to the 8B/10B
encoders. TXD[18] and TXD[19] are ignored. When both CTRL0 and CTL1 are set to logic
‘1’ the data presented
on the TXD[0:17] bus is encoded and serialized, allowing the use of the TLK2541 for proprietary protocols built
around the 8B/10B coding standard. For Ethernet or FibreChannel protocols, the Gigabit Ethernet or
FibreChannel modes may be better suited for the application.
Gigabit Ethernet IDLE Correction Mode
The IDLE pattern described in the IEEE802.3 clause 36 specification requires the IDLE pattern to be generated
as either K28.5 D5.6 or as K28.5 D16.2 depending on the state of the 8B/10B current running disparity at the
time that the IDLE pattern is sent. If the integrated 8B/10B encoders are used, then there is no way for the host
device controlling the TLK2541 TXD[0:19] bus to know whether to send the D5.6 code or the D16.2 code on the
upper order byte. If the TLK2541 is to be used to generate valid Ethernet IDLE patterns while using the on board
8b/10b encoder, then the Gigabit Ethernet IDLE Correction mode should be enabled. In this mode, a K28.5
D16.2 idle may be presented to the transmit parallel bus for all idles, and the TLK2541 substitutes a D5.6 in
place of the D16.2 on those occasions where the current running disparity requires that a K28.5 D5.6 is the
proper IDLE to be generated. This mode is enabled when CTRL0 is 0 and CTRL1 is high.
FibreChannel End Of Frame Correction Mode
The EOF pattern described in the ANSI FC-PH FibreChannel specification requires the EOF pattern to be
generated as either K28.5 D21.4 D21.x D21.x or as K28.5 D21.5 D21.
× D21.x depending on the state of the
8B/10B current running disparity at the time that the EOF pattern is sent. If the integrated 8B/10B encoders are
used, then there is no way for the host device controlling the TLK2541 TXD[0:19] bus to know whether to send
one EOF code or the other EOF code. If the TLK2541 is to be used to generate valid FibreChannel EOF patterns
while using the on board 8b/10b encoder then the FibreChannel EOF correction mode should be enabled. In this
mode, a K28.5 D21.4 D21.x D21.x EOF is presented to the transmit parallel bus for all EOF ordered sets, and
the TLK2541 substitutes a D21.5 in place of the D21.4 on those occasions where a K28.5 D21.5 D21.
× D21.× is
the proper EOF to be generated. This mode is enabled when CTRL0 is 1 and CTRL1 is 0. The EOF correction
mode also corrects the EOF-invalid ordered sets by correcting a K28.5 D10.5 D21.
× D21.× ordered set to be a
K28.5 D10.4 D21.
× D21.× ordered set when necessary.
© 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TLK2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com