Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652IP Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC2652IP
Description  Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2652IP Datasheet HTML 9Page - Texas Instruments TLC2652IP Datasheet HTML 10Page - Texas Instruments TLC2652IP Datasheet HTML 11Page - Texas Instruments TLC2652IP Datasheet HTML 12Page - Texas Instruments TLC2652IP Datasheet HTML 13Page - Texas Instruments TLC2652IP Datasheet HTML 14Page - Texas Instruments TLC2652IP Datasheet HTML 15Page - Texas Instruments TLC2652IP Datasheet HTML 16Page - Texas Instruments TLC2652IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
NORMALIZED INPUT OFFSET VOLTAGE
vs
CHOPPING FREQUENCY
−10
0
10
20
30
40
50
60
70
100
1 k
10 k
100 k
Chopping Frequency − Hz
VDD ± = ±5 V
VIC = 0
TA = 25°C
Figure 1
−5
VIC − Common-Mode Input Voltage − V
10
5
0
01
15
20
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
25
23
45
VDD ± = ±5 V
TA = 25°C
−4
−3
−2
−1
Figure 2
Figure 3
Chopping Frequency − Hz
30
10
0
60
20
50
40
70
INPUT BIAS CURRENT
vs
CHOPPING FREQUENCY
100
1 k
10 k
100 k
VDD ± = ±5 V
VIC = 0
TA = 25°C
TA − Free-Air Temperature − °C
1
100
25
45
65
105
125
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
85
10
VDD ± = ±5 V
VO = 0
VIC = 0
Figure 4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com