Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652IPE4 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2652IPE4
Description  Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652IPE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2652IPE4 Datasheet HTML 8Page - Texas Instruments TLC2652IPE4 Datasheet HTML 9Page - Texas Instruments TLC2652IPE4 Datasheet HTML 10Page - Texas Instruments TLC2652IPE4 Datasheet HTML 11Page - Texas Instruments TLC2652IPE4 Datasheet HTML 12Page - Texas Instruments TLC2652IPE4 Datasheet HTML 13Page - Texas Instruments TLC2652IPE4 Datasheet HTML 14Page - Texas Instruments TLC2652IPE4 Datasheet HTML 15Page - Texas Instruments TLC2652IPE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Normalized input offset voltage
vs Chopping frequency
1
vs Common-mode input voltage
2
IIB
Input bias current
vs Common-mode input voltage
vs Chopping frequency
2
3
IIB
Input bias current
vs Chopping frequency
vs Free-air temperature
3
4
IIO
Input offset current
vs Chopping frequency
5
IIO
Input offset current
vs Chopping frequency
vs Free-air temperature
5
6
Clamp current
vs Output voltage
7
V(OPP) Maximum peak-to-peak output voltage
vs Frequency
8
VOM
Maximum peak output voltage
vs Output current
9, 10
VOM
Maximum peak output voltage
vs Output current
vs Free-air temperature
9, 10
11, 12
AVD
Large-signal differential voltage amplification
vs Frequency
13
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
13
14
Chopping frequency
vs Supply voltage
15
Chopping frequency
vs Supply voltage
vs Free-air temperature
15
16
IDD
Supply current
vs Supply voltage
17
IDD
Supply current
vs Supply voltage
vs Free-air temperature
17
18
IOS
Short-circuit output current
vs Supply voltage
19
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
19
20
SR
Slew rate
vs Supply voltage
21
SR
Slew rate
vs Supply voltage
vs Free-air temperature
21
22
Voltage-follower pulse response
Small-signal
23
Voltage-follower pulse response
Small-signal
Large-signal
23
24
VN(PP) Peak-to-peak equivalent input noise voltage
vs Chopping frequency
25, 26
Vn
Equivalent input noise voltage
vs Frequency
27
Gain-bandwidth product
vs Supply voltage
28
Gain-bandwidth product
vs Supply voltage
vs Free-air temperature
28
29
vs Supply voltage
30
φm
Phase margin
vs Supply voltage
vs Free-air temperature
30
31
φm
Phase margin
vs Free-air temperature
vs Load capacitance
31
32
Phase shift
vs Frequency
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com