Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3560 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3560
Description  NanoPower Voltage Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3560 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3560 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3560 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AAT3560/2/4
NanoPower Voltage Detector
3560.2002.3.0.91
1
PowerManager™
General Description
The AAT3560 Series of PowerManager™ products
is a member of AATI's Total Power Management
IC™ (TPMIC™) product family. These voltage
detectors are ideal for monitoring voltage supplies
in portable systems, where extended battery life is
critical. They provide a low cost, reliable solution by
eliminating several external components. The
AAT3560 series operates by monitoring the system
power supply voltage. When the input voltage
drops below a fixed threshold, the device output
changes state depending upon configuration.
When the input voltage rises above the threshold,
the device output reverts back to the previous
state. The AAT3560 series are available with three
different output stages: AAT3560 push-pull active
high output, AAT3562 push-pull active low output
and AAT3564 open drain active low output.
The quiescent supply current is extremely low, typ-
ically 1µA , making it ideal for portable battery oper-
ated equipment.
The AAT3560/2/4 are available in a 3 pin SOT-23
package and are specified over -40 to 85°C oper-
ating temperature range..
Features
•
1.2V to 5.5V Input voltage range
•
Operates down to 1.2V
•
Extremely low quiescent current: less than 2µA
•
High accuracy detection threshold: ±1.5%
•
Monitor Power Supply Voltages
•
Fixed thresholds from 2.2V to 4.6V
•
Available output configurations:
•
Open-drain output
•
CMOS active high output
•
CMOS active low output
•
Temp range -40 to 85°C
•
3 pin SOT-23 package
Applications
•
Portable Electronics
•
Battery Packs
•
Battery Charger Circuits
•
Data Acquisition Systems
•
Power Supplies
•
Notebook Computers
•
Intelligent Instruments
Typical Application
AAT3560
AAT3562
AAT3564
V
CC
V
CC
RESET
(RESET)
GND
SUSPEND
+
Li Ion
µP
DC/DC
Converter


Similar Part No. - AAT3560

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
2006.03.1.2
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
logo
Advanced Analog Technol...
AAT3560IGY-2.20-T1 AAT-AAT3560IGY-2.20-T1 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
2006.03.1.2
logo
Advanced Analogic Techn...
AAT3560IGY-2.20-T1 ANALOGICTECH-AAT3560IGY-2.20-T1 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
logo
Advanced Analog Technol...
AAT3560IGY-2.50-T1 AAT-AAT3560IGY-2.50-T1 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
2006.03.1.2
More results

Similar Description - AAT3560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
Nanopower Precision Shunt Voltage Reference
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
2006.03.1.2
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
NanoPower??Voltage Detector
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
300nA NanoPower Voltage References
July 28, 2009
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
300nA NanoPower Voltage References
October 14, 2009
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
300nA NanoPower Voltage References
May 25, 2010
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
300nA NanoPower Voltage References
June 23, 2014
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
Nanopower Voltage Detector with Dual Outputs
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
300nA NanoPower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com