Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AIPE4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5618AIPE4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5618AIPE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5618AIPE4 Datasheet HTML 9Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 10Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 11Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 12Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 13Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 14Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 15Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 16Page - Texas Instruments TLV5618AIPE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
definitions of specifications and terminology
integral nonlinearity (INL)
The relative accuracy or integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum
deviation of the output from the line between zero and full scale excluding the effects of zero code and full-scale
errors.
differential nonlinearity (DNL)
The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the
measured and ideal 1 LSB amplitude change of any two adjacent codes. Monotonic means the output voltage
changes in the same direction (or remains constant) as a change in the digital input code.
zero-scale error (EZS)
Zero-scale error is defined as the deviation of the output from 0 V at a digital input value of 0.
gain error (EG)
Gain error is the error in slope of the DAC transfer function.
total harmonic distortion (THD)
THD is the ratio of the rms value of the first six harmonic components to the value of the fundamental signal.
The value for THD is expressed in decibels.
signal-to-noise ratio + distortion (S/N+D)
S/N+D is the ratio of the rms value of the output signal to the rms sum of all other spectral components below
the Nyquist frequency, including harmonics but excluding dc. The value for S/N+D is expressed in decibels.
spurious free dynamic range (SFDR)
Spurious free dynamic range is the difference between the rms value of the output signal and the rms value of
the largest spurious signal within a specified bandwidth. The value for SFDR is expressed in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com