Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70433DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70433DBVR
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70433DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TLV70433DBVR Datasheet HTML 1Page - Texas Instruments TLV70433DBVR Datasheet HTML 2Page - Texas Instruments TLV70433DBVR Datasheet HTML 3Page - Texas Instruments TLV70433DBVR Datasheet HTML 4Page - Texas Instruments TLV70433DBVR Datasheet HTML 5Page - Texas Instruments TLV70433DBVR Datasheet HTML 6Page - Texas Instruments TLV70433DBVR Datasheet HTML 7Page - Texas Instruments TLV70433DBVR Datasheet HTML 8Page - Texas Instruments TLV70433DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLV704xx
SBVS148C
– OCTOBER 2010 – REVISED AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PRODUCT
VOUT
XX is nominal output voltage (for example 33 = 3.3 V)
TLV704xxyyyz
YYY is Package Designator
Z is Package Quantity
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
MIN
MAX
Voltage(2)
IN
–0.3
24
V
Current source
OUT
Internally limited
Operating junction, TJ
–40
+150
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
QSS 009-105 (JESD22-A114A)
Electrostatic Discharge Rating(3)
Charge device model (CDM)
500
V
QSS 009-147 (JESD22-C101B.01)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TLV70433DBV
THERMAL METRIC(1)
DBV
UNITS
5 PINS
θJA
Junction-to-ambient thermal resistance
213.1
θJCtop
Junction-to-case (top) thermal resistance
110.9
θJB
Junction-to-board thermal resistance
97.4
°C/W
ψJT
Junction-to-top characterization parameter
22.0
ψJB
Junction-to-board characterization parameter
78.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
POWER DISSIPATION RATING TABLE
TA ≤ 25°C POWER
TA = +70°C POWER
TA = +85°C POWER
BOARD
PACKAGE
RθJA
RATING
RATING
RATING
High-K(1)
DBV
213.1
°C/W
470 mW
258 mW
188 mW
(1)
The JEDEC High-K (2s2p) board design used to derive this data was a 3-inch
× 3-inch, multilayer board with 1-ounce internal power
and ground planes and 2-ounce copper traces on top and bottom of the board.
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com