Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP141AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP141AIDBVT
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TMP141AIDBVT Datasheet HTML 1Page - Texas Instruments TMP141AIDBVT Datasheet HTML 2Page - Texas Instruments TMP141AIDBVT Datasheet HTML 3Page - Texas Instruments TMP141AIDBVT Datasheet HTML 4Page - Texas Instruments TMP141AIDBVT Datasheet HTML 5Page - Texas Instruments TMP141AIDBVT Datasheet HTML 6Page - Texas Instruments TMP141AIDBVT Datasheet HTML 7Page - Texas Instruments TMP141AIDBVT Datasheet HTML 8Page - Texas Instruments TMP141AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
(V−) −0.5V to (V+) + 0.5V
. . . .
Signal Input Terminals, Current(2)
10mA
. . . . . . . . . . . . . . . . . . . . .
Maximum Output Current (SWD low)
10mA
. . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +127°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−60
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)
4000V
. . . . . . . . . . . . . . . . . . . . . . .
Charged-Device Model
1000V
. . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals should not be driven beyond the power-supply
rails. Input signals that can swing more than 0.5V beyond the
supply rails should be current-limited to 10mA or less.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
TMP141
SOT23-6
DBV
−40
°C to +125°C
T141
TMP141AIDBVT
Tape and Reel, 250
TMP141
SOT23-6
DBV
−40
°C to +125°C
T141
TMP141AIDBVR
Tape and Reel, 3000
TMP141
MSOP-8
DGK
−40
°C to +125°C
T14G
TMP141AIDGKT
Tape and Reel, 250
TMP141
MSOP-8
DGK
−40
°C to +125°C
T14G
TMP141AIDGKR
Tape and Reel, 3000
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATIONS
Top View
NOTE: Pin 1 is determined by orienting the package marking as indicated in the diagram.
ADD0
GND
GND
ADD1
SWD
V+
1
2
3
6
5
4
SOT23−6
V+
GND
GND
GND
SWD
ADD1
ADD0
GND
1
2
3
4
8
7
6
5
MSOP−8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com