Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117-50CDCY Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117-50CDCY
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117-50CDCY Datasheet(HTML) 2 Page - Texas Instruments

  TLV1117-50CDCY Datasheet HTML 1Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 2Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 3Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 4Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 5Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 6Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 7Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 8Page - Texas Instruments TLV1117-50CDCY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TLV1117
SLVS561K – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TLV1117C ORDERING INFORMATION(1)
TA
VO TYP
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – DRJ
Reel of 1000
TLV1117-15CDRJR
ZYH
Tube of 80
TLV1117-15CDCY
1.5 V
SOT-223 – DCY
T2
Reel of 2500
TLV1117-15CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-15CKVUR
ZE15
QFN – DRJ
Reel of 1000
TLV1117-18CDRJR
ZYK
Tube of 80
TLV1117-18CDCY
1.8 V
SOT-223 – DCY
T4
Reel of 2500
TLV1117-18CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-18CKVUR
ZE18
QFN – DRJ
Reel of 1000
TLV1117-25CDRJR
ZYM
Tube of 80
TLV1117-25CDCY
2.5 V
SOT-223 – DCY
T6
Reel of 2500
TLV1117-25CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-25CKVUR
ZE25
QFN – DRJ
Reel of 1000
TLV1117-33CDRJR
ZYP
0°C to 125°C
Tube of 80
TLV1117-33CDCY
3.3 V
SOT-223 – DCY
V3
Reel of 2500
TLV1117-33CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-33CKVUR
ZE33
QFN – DRJ
Reel of 1000
TLV1117-50CDRJR
ZE50
Tube of 80
TLV1117-50CDCY
5 V
SOT-223 – DCY
VT
Reel of 2500
TLV1117-50CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-50CKVUR
ZE50
QFN – DRJ
Reel of 1000
TLV1117CDRJR
ZYS
Tube of 80
TLV1117CDCY
SOT-223 – DCY
V4
Reel of 2500
TLV1117CDCYR
ADJ
TO-220 – KCS
Tube of 50
TLV1117CKCS
TLV1117C
TO-220 – KCT
Tube of 50
TLV1117CKCT
TLV1117C
TO-252 – KVU
Reel of 2500
TLV1117CKVUR
TV1117
TO-263 – KTT
Reel of 500
TLV1117CKTTR
TLV1117C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: TLV1117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com