Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC2T45DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74AVC2T45DP
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74AVC2T45DP Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 13Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 14Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 15Page - NXP Semiconductors 74AVC2T45DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
12 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
12. Waveforms
[1]
VCCI is the supply voltage associated with the data input port.
[2]
VCCO is the supply voltage associated with the output port.
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input (nA, nB) to output (nB, nA) propagation delay times
001aak114
nA, nB input
nB, nA output
tPLH
tPHL
GND
VI
VOH
VM
VM
VOL
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Enable and disable times
001aae968
tPZL
tPZH
tPHZ
tPLZ
GND
GND
VI
VCCO
VOL
VOH
VM
VM
VM
VX
VY
outputs
disabled
outputs
enabled
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
DIR input
Table 14.
Measurement points
Supply voltage
Input[1]
Output[2]
VCC(A), VCC(B)
VM
VM
VX
VY
1.1 V to 1.6 V
0.5VCCI
0.5VCCO
VOL +0.1 V
VOH  0.1 V
1.65 V to 2.7 V
0.5VCCI
0.5VCCO
VOL +0.15V
VOH  0.15 V
3.0 V to 3.6 V
0.5VCCI
0.5VCCO
VOL +0.3 V
VOH  0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com