Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP4 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP4
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP4 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320C6745DPTP4 Datasheet HTML 51Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 52Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 53Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 54Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 55Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 56Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 57Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 58Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
2.6.22 Supply and Ground
Table 2-27. Supply and Ground Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
DESCRIPTION
PTP
ZKB
F6,G6, G7,
10, 20, 28,
G10, G11,
38, 50, 56,
H7, H10,
61, 69, 77,
CVDD (Core supply)
H11, J6, J7,
PWR
Core supply voltage pins
93, 104, 114,
J10, J11,
147, 154,
J12, K6, K7,
161, 167
K10, K11,L6
RVDD (Internal RAM supply)
67, 159
H6, H12
PWR
Internal ram supply voltage pins
5, 15, 24, 33,
B16, E5, E8,
43, 47, 53,
E9, E12, F5,
58, 65, 71,
F11, F12,
75, 81, 87,
G5, G12, K5,
DVDD (I/O supply)
PWR
I/O supply voltage pins
90, 99, 109,
K12, L5, L11,
119, 128,
L12, M5, M8,
151, 158,
M9, M12, R1,
164, 172
R16
A1, A2, A15,
A16,
B2,
E6, E7, E10,
E11,
F8, F9, F10,
G8, G9,
H8, H9,
VSS (Ground)
177
GND
Ground pins
J8, J9,
K8, K9,
L7, L8, L9,
L10,
M6, M7, M10,
M11,
T1, T2, T15,
T16
(1)
PWR = Supply voltage, GND - Ground.
Copyright © 2008–2013, Texas Instruments Incorporated
Device Overview
55
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com