Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTPT3 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTPT3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTPT3 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6745DPTPT3 Datasheet HTML 1Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 2Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 3Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTPT3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 227 page
background image
Switched Central Resource (SCR)
BOOT ROM
256 KB L2 RAM
32 KB
L1 RAM
32 KB
L1 Pgm
AET
C674x™
DSP CPU
DSP Subsystem
JTAG Interface
Serial Interfaces
I C
(2)
2
SPI
(2)
UART
(3)
Audio Ports
McASP
w/FIFO
(2)
DMA
Peripherals
External Memory Interfaces
Connectivity
EDMA3
Control Timers
eHRPWM
(3)
eCAP
(3)
eQEP
(2)
(10/100)
EMAC
(RMII)
MDIO
USB2.0
OTG Ctlr
PHY
MMC/SD
(8b)
EMIFA(8b)
NAND/Flash
EMIFB
SDRAM Only
(16b)
GPIO
PRU
Subsystem
System Control
Input
Clock(s)
Power/Sleep
Controller
Memory
Protection
Pin
Multiplexing
PLL/Clock
Generator
w/OSC
General-
Purpose
Timer
General-
Purpose
Timer
(Watchdog)
Switched Central Resource (SCR)
BOOT ROM
256 KB L2 RAM
32 KB
L1 RAM
32 KB
L1 Pgm
AET
C674x™
DSP CPU
DSP Subsystem
JTAG Interface
Serial Interfaces
I C
(2)
2
SPI
(2)
UART
(3)
Audio Ports
McASP
w/FIFO
(3)
DMA
Peripherals
Display
Internal Memory
LCD
Ctlr
128 KB
RAM
External Memory Interfaces
Connectivity
EDMA3
Control Timers
eHRPWM
(3)
eCAP
(3)
eQEP
(2)
(10/100)
EMAC
(RMII)
MDIO
USB1.1
OHCI Ctlr
PHY
USB2.0
OTG Ctlr
PHY
HPI
MMC/SD
(8b)
EMIFA(8b/16B)
NAND/Flash
16b SDRAM
EMIFB
SDRAM Only
(16b/32b)
GPIO
PRU
Subsystem
System Control
Input
Clock(s)
Power/Sleep
Controller
Memory
Protection
Pin
Multiplexing
RTC/
32-KHz
OSC
PLL/Clock
Generator
w/OSC
General-
Purpose
Timer
General-
Purpose
Timer
(Watchdog)
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
1.3
Functional Block Diagram
Note: Not all peripherals are available at the same time due to multiplexing. See Table 3-1 for details on which device
components are available on each device.
Figure 1-1. C6747 Functional Block Diagram
Note: Not all peripherals are available at the same time due to multiplexing. See Table 3-1 for details on which device
components are available on each device.
Figure 1-2. C6745 Functional Block Diagram
4
TMS320C6745/6747 Fixed/Floating-Point Digital Signal Processor
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com