Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC154PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC154PW
Description  4-to-16 line decoder/demultiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC154PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC154PW Datasheet HTML 3Page - NXP Semiconductors 74HC154PW Datasheet HTML 4Page - NXP Semiconductors 74HC154PW Datasheet HTML 5Page - NXP Semiconductors 74HC154PW Datasheet HTML 6Page - NXP Semiconductors 74HC154PW Datasheet HTML 7Page - NXP Semiconductors 74HC154PW Datasheet HTML 8Page - NXP Semiconductors 74HC154PW Datasheet HTML 9Page - NXP Semiconductors 74HC154PW Datasheet HTML 10Page - NXP Semiconductors 74HC154PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
7 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
9.
Static characteristics
Table 6.
Static characteristics 74HC154
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
VCC = 2.0 V; IO = −20 µA
1.9
2.0
-
V
VCC = 4.5 V; IO = −20 µA
4.4
4.5
-
V
VCC = 6.0 V; IO = −20 µA
5.9
6.0
-
V
VCC = 4.5 V; IO = −4.0 mA
3.98
4.32
-
V
VCC = 6.0 V; IO = −5.2 mA
5.48
5.81
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCC = 2.0 V; IO = 20 µA
-
0
0.1
V
VCC = 4.5 V; IO = 20 µA
-
0
0.1
V
VCC = 6.0 V; IO = 20 µA
-
0
0.1
V
VCC = 4.5 V; IO = 4.0 mA
-
0.15
0.26
V
VCC = 6.0 V; IO = 5.2 mA
-
0.16
0.26
V
II
input leakage current
VCC = 6.0 V; VI =VCC or GND
-
-
±0.1
µA
ICC
supply current
VCC = 6.0 V; VI =VCC or GND; IO =0A
-
-
8.0
µA
CI
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
VCC = 2.0 V; IO = −20 µA
1.9
-
-
V
VCC = 4.5 V; IO = −20 µA
4.4
-
-
V
VCC = 6.0 V; IO = −20 µA
5.9
-
-
V
VCC = 4.5 V; IO = −4.0 mA
3.84
-
-
V
VCC = 6.0 V; IO = −5.2 mA
5.34
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com