Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC164N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC164N
Description  8-bit serial-in, parallel-out shift register
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC164N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC164N Datasheet HTML 1Page - NXP Semiconductors 74HC164N Datasheet HTML 2Page - NXP Semiconductors 74HC164N Datasheet HTML 3Page - NXP Semiconductors 74HC164N Datasheet HTML 4Page - NXP Semiconductors 74HC164N Datasheet HTML 5Page - NXP Semiconductors 74HC164N Datasheet HTML 6Page - NXP Semiconductors 74HC164N Datasheet HTML 7Page - NXP Semiconductors 74HC164N Datasheet HTML 8Page - NXP Semiconductors 74HC164N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74HC_HCT164
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 13 June 2013
2 of 20
NXP Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC164N
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT164N
74HC164D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74HCT164D
74HC164DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HCT164DB
74HC164PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT164PW
74HC164BQ
40 C to +125 C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT164BQ
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aac423
3
1
2
4
5
6
10
11
12
13
8
9
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
DSB
DSA
MR
001aac424
9
8
&
3
1
2
4
5
6
10
11
13
12
R
C1/
1D
SRG8
Fig 3.
Logic diagram
001aac425
1
2
310
13
6
412
511
8
9
Q0 Q1 Q2
8-BIT SERIAL
−IN/PARALLEL−OUT
SHIFT REGISTER
Q3 Q4 Q5 Q6 Q7
DSB
CP
MR
DSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com