Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4650 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4650
Description  5V/3V PC Card Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4650 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4650 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4650 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SmartSwitch™
General Description
The AAT4650 SmartSwitch™ is a single channel PC
Card (PCMCIA) power switch. It is used to select
between two different voltage inputs, each between
2.7V and 5.5V. An internal switch powers the cir-
cuitry from whichever input voltage is higher. The
device's output, VCC, is slew rate controlled and cur-
rent limited, in compliance with PC Card specifica-
tions. The current limit response time to a short cir-
cuit is typically 1µs. The internal P-Channel MOS-
FET switches are configured to break before make,
that is, both switches cannot be closed at the same
time. Controlled by a 2 bit parallel interface, the four
states for VCC are VCC5, VCC3, Hi-impedance, or
Ground. When in the ground state, VCC is pulled to
ground by a 5k
Ω resistor. An open drain FAULT out-
put is asserted during over-current conditions.
During power up slewing, FAULT also signals that
VCC is out of tolerance. An internal over temperature
sensor forces VCC to a high impedance state when
an over-temperature condition exists.
Quiescent
current is typically a low 15µA, as long as ICC is less
than approximately 500mA. Above this load current,
the quiescent current increases to 200µA.
The AAT4650 is available in 8-pin SOP and
TSSOP packages specified over -40 to 85°C.
Features
•
2.7V to 5.5V Input voltage range
•
85m
Ω (5V) typical R
DS(ON)
•
Low quiescent current 15µA (typ)
•
Reverse-blocking switches
•
Short-circuit protection
•
Over-temperature protection
•
FAULT flag output
•
Temp range -40 to 85°C
•
8 pin SOP or TSSOP package
Applications
•
Notebook Computer
•
PDA, Subnotebook
•
Power Supply Multiplexer Circuit
AAT4650
5V/3V PC Card Power Switch
Typical Application
COUT
0.1
µF
VCC5
CIN5
1
µF
CIN3
1
µF
VCC3
CTL1
CTL0
FAULT
VCC
GND
AAT4650
8
5
3
2
4
1
6,7
VCC5
VCC3
GND
GND
VCC
CTL1
CTL0
FAULT
4650.2001.10.0.93
1


Similar Part No. - AAT4650

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
4650.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
logo
Skyworks Solutions Inc.
AAT4650 SKYWORKS-AAT4650 Datasheet
987Kb / 12P
5V/3V PC Card Power Switch
April 26, 2012
logo
Advanced Analog Technol...
AAT4650IAS-T1 AAT-AAT4650IAS-T1 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
4650.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4650IAS-T1 ANALOGICTECH-AAT4650IAS-T1 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
More results

Similar Description - AAT4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
3V/5V SIM Power Supply in SOT-23
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
logo
Advanced Analogic Techn...
AAT4651 ANALOGICTECH-AAT4651 Datasheet
335Kb / 14P
5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
4650.2006.05.1.2
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
5V/3V PC Card Power Switch
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
3V/5V SIM Power Supply in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com