Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS16H
Description  High-speed switching diodes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16H Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS16H Datasheet HTML 1Page - NXP Semiconductors BAS16H Datasheet HTML 2Page - NXP Semiconductors BAS16H Datasheet HTML 3Page - NXP Semiconductors BAS16H Datasheet HTML 4Page - NXP Semiconductors BAS16H Datasheet HTML 5Page - NXP Semiconductors BAS16H Datasheet HTML 6Page - NXP Semiconductors BAS16H Datasheet HTML 7Page - NXP Semiconductors BAS16H Datasheet HTML 8Page - NXP Semiconductors BAS16H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
4 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
5.
Limiting values
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
BAS16
[1] -
215
mA
BAS16H
BAS16L
[2] -
215
mA
BAS16T
[1] -
155
mA
BAS16VV
BAS16VY
[1][3] -
200
mA
BAS16W
[1] -
175
mA
BAS16J
BAS316
BAS516
[1] -
250
mA
IFRM
repetitive peak forward
current
tp ≤ 0.5 µs;
δ≤ 0.25
-
500
mA
IFSM
non-repetitive peak forward
current
square wave
[4]
tp =1 µs-
4
A
tp =1ms
-
1
A
tp = 1 s
-
0.5
A
Ptot
total power dissipation
BAS16
Tamb ≤ 25 °C
[1] -
250
mW
BAS16H
Tamb ≤ 25 °C
[2][5]
[6]
-
380
mW
[5][6]
[7]
-
830
mW
BAS16J
Tamb ≤ 25 °C
[5][6]
[7]
-
550
mW
BAS16L
Tamb ≤ 25 °C
[2][5]
[6]
-
250
mW
BAS16T
Tsp ≤ 90 °C
[1] -
170
mW
BAS16VV
Tamb ≤ 25 °C
[1][3]
[5][8]
-
180
mW
BAS16VY
Tsp ≤ 85 °C
[1][3]
[8]
-
250
mW
BAS16W
Tamb ≤ 25 °C
[1] -
200
mW
BAS316
Tsp ≤ 90 °C
[1][6] -
400
mW
BAS516
Tsp ≤ 90 °C
[1][5]
[6]
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com