Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ASA Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # 2ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2ASA Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button 2ASA Datasheet HTML 46Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 47Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 48Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 49Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 50Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 51Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 52Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 53Page - List of Unclassifed Manufacturers 2ASA Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
FIBRE OPTIC TOOLS
50
120
mm
21
mm
6,5
mm
9
mm
80 g
552S
6,7
mm
11
mm
0,06 -
0,25
mm
AWG
42 - 30
High grade tool steel, anti-glare finish, ESD safe,
high precision
Side stripping tool. Unique high precision tool. Strips one
size at a time without scratching the cores. For all kind of
insulation,
PTFE,, Tefzel, fibre optics or stranded wires.
Diameter adjustable with screw plus screw stop.
With replaceable cutting blade.
Supplied with screwdriver and hex key.
Fixed standard ø like 125 µ on request.
Fibre Optic Tools
130 mm
20 g
249SA
Special stainless steel / PPS, anti-glare finish,
non-magnetic, ESD safe, suitable for fibre optics
Precision tweezers with serrated grips and synthetic tips
(PPS). Heat resistant up to 250°C (480°F). Resistant to acids
and solder. Waterproof, ESD safe. Does not damage fibre
optic cores.
Model
115 mm
15 mm
10,5 mm
67 g
Semi flush cut, Tungsten Carbide blades,
anti-glare finish, ESD safe
Side cutter with Tungsten Carbide blades. For cutting Vectran
braided wires, fibre optics, Kevlar and small stainless steel
braids. Ask for special application.
599TFO
6,5 mm
11,5 mm
10,5 mm
6,5 mm
L
Weight
Description
115 mm
67 g
599FO
A unique high precision cutter for Kevlar® silks
Cuts all silks even very close to fibre core.
Avoid any other application.
Model
LA
B
C
Weight
Description
Model
L
A
E
F
G
H
Weight
Wire ø
Description
Side Stripping
Cutting
Holding / Gripping
Fibre Optic Tools
High precision tools for working on fibre optics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com