Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600ASA Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 600ASA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

600ASA Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 600ASA Datasheet HTML 41Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 42Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 43Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 44Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 45Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 46Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 47Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 48Page - List of Unclassifed Manufacturers 600ASA Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
120 mm
20 mm
6,5 mm
4 mm
70 g
554TX
6,5 mm
50788
50789Z
High grade tool steel, anti-glare finish, ESD safe
Bending pliers for forming stress reliefs. One lead left,
one lead right in one single operation. For stable insertion.
Max. lead ø:
Diodes: 0,65 mm
Capacitors: 0,7 mm
Resistors: 1/2 W
120 mm
23 mm
-
3 mm
67 g
High grade tool steel, anti-glare finish, ESD safe,
cut + bend
Bending pliers. Cuts and bends leads of popular radial
components to a specific length.
Max. lead ø:
Diodes: 0,65 mm
Capacitors: 0,7 mm
Resistors: 1/2 W
4 mm
120 mm
23 mm
3,3 mm
-
67 g
High grade tool steel, anti-glare finish, ESD safe,
cut + bend
Bending pliers. Cuts and bends leads of various types of
components.
Max. lead ø:
Diodes: 0,65 mm
Capacitors: 0,7 mm
Resistors: 1/2 W
3,5 mm
45
PRE-FORMING TOOLS
Pre-Forming Tools
Model
L
A
D
E
F
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com