Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC5800E Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # APC5800E
Description  DE-COMPRESSION VOICE IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APC5800E Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button APC5800E Datasheet HTML 2Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 3Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 4Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 5Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 6Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 7Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 8Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 9Page - Aplus Intergrated Circuits APC5800E Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APLUS INTEGRATED CIRCUITS INC.
APC5800E
www.aplusinc.com.tw
TEL : 886-2-2782-9266
6
BIT - 5
OK FLAG(COPROCESSOR OK)
BIT - 6
COPROCESSOR CARRY.
BIT - 7
TONE0 OR TONE1 ENABLE.
3FE0 System control 0. Write only. :
3FE0
0
1
BIT - 0
MUST
0 = PA14,PA15 ARE IO PINS(DEFAULT).
BIT - 1
PB9 IS IO PIN(DEFAULT).
PB9 IS EXTIRQ PIN.
BIT - 2
PB7 IS IO PIN(DEFAULT).
PB7 IS EXTRAMCS.
BIT - 3
ADC DISABLE, PA13 IS IO
PIN
(DEFAULT).
ADC ENABLE, PA13 IS ADC PIN.
BIT - 4
NO USE
(MUST 0)
BIT - 5
NO USE
(MUST 0)
BIT - 6
PWM DISABLE(DEFAULT).
PWM ENABLE.
BIT - 7
DAC DISABLE(DEFAULT).
DAC ENABLE.
3FE1 System Control 1. Write only.
3FE1
0
1
BIT - 0
TIMER A CLOCK SELECT
32.768K HZ.(DEFAULT)
TIMER A CLOCK SELECT SYSTEM
CLOCK
.
BIT - 1
NO USE
(MUST 0)
BIT - 2
TIMER A DISABLE.(DEFAULT)
TIMER A ENABLE.
BIT - 3
TIMER B DISABLE.(DEFAULT)
TIMER B ENABLE.
BIT - 4
TIMER A INTERRUPT
DISABLE
.(DEFAULT)
TIMER A INTERRUPT ENABLE.
BIT - 5
TIMER B NMI DISABLE.(DEFAULT)TIMER B NMI ENABLE.
BIT - 6
SYSTEM CLOCK = PLL
CLOCK
(DEFAULT).
SYSTEM CLOCK = 32768HZ.
BIT - 7
WATCHDOG TIMER DISABLE.
WATCHDOG TIMER
ENABLE
.(DEFAULT)
3FE2 System control 2. Write only.
3FE2
0
1
BIT - 0
=1
ENTRY STAND-BY MODE. IN STAND-BY MODE, HOLD CPU.
THE NMI AND IRQ WILL WAKE UP THE CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com