Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEXX12 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APEXX12
Description  very low cost voice and melody synthesizer with 4-bits CPU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APEXX12 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APEXX12 Datasheet HTML 1Page - Aplus Intergrated Circuits APEXX12 Datasheet HTML 2Page - Aplus Intergrated Circuits APEXX12 Datasheet HTML 3Page - Aplus Intergrated Circuits APEXX12 Datasheet HTML 4Page - Aplus Intergrated Circuits APEXX12 Datasheet HTML 5Page - Aplus Intergrated Circuits APEXX12 Datasheet HTML 6Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APExx12 Series
Rev 1.3
2003/8/18
4
FIGURE 2 : Frequency vs. Rosc (at 3V)
Resistor (Rosc ohms)
110k
200k
300k
430k
Frequency (MHz)
14.84
8.25
5.54
3.92
5.0 Application Circuit
Ro sc vs F re q .
5.54
3.92
8.25
14.84
0
5
10
15
20
0
100
200
300
400
500
R os c (k ohm )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com