Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F07D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # N74F07D
Description  Inverter/buffer drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07D Datasheet(HTML) 3 Page - NXP Semiconductors

  N74F07D Datasheet HTML 1Page - NXP Semiconductors N74F07D Datasheet HTML 2Page - NXP Semiconductors N74F07D Datasheet HTML 3Page - NXP Semiconductors N74F07D Datasheet HTML 4Page - NXP Semiconductors N74F07D Datasheet HTML 5Page - NXP Semiconductors N74F07D Datasheet HTML 6Page - NXP Semiconductors N74F07D Datasheet HTML 7Page - NXP Semiconductors N74F07D Datasheet HTML 8Page - NXP Semiconductors N74F07D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
3
IEC/IEEE SYMBOLS
13
SF00021
12
11
10
9
8
5
6
3
4
1
2
74F07
LOGIC DIAGRAMS
VCC = Pin 14
GND = Pin 7
SF00023
2
4
6
8
10
12
Y0
Y1
Y2
Y3
Y4
Y5
1
3
5
9
11
13
A0
A1
A2
A3
A4
A5
74F07
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
An
Data inputs
1.0/1.0
20
µA/0.6mA
Yn
Data outputs
OC/106.7
OC/64mA
NOTES:
1. One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
2. OC = Open Collector
FUNCTION TABLE
INPUTS
OUTPUTS
An
Yn
L
L
H
H
NOTES:
1. H = High voltage level
2. L = Low voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com