Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8583T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8583T
Description  Clock and calendar with 240 x 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8583T Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8583T Datasheet HTML 1Page - NXP Semiconductors PCF8583T Datasheet HTML 2Page - NXP Semiconductors PCF8583T Datasheet HTML 3Page - NXP Semiconductors PCF8583T Datasheet HTML 4Page - NXP Semiconductors PCF8583T Datasheet HTML 5Page - NXP Semiconductors PCF8583T Datasheet HTML 6Page - NXP Semiconductors PCF8583T Datasheet HTML 7Page - NXP Semiconductors PCF8583T Datasheet HTML 8Page - NXP Semiconductors PCF8583T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.
General description
The PCF8583 is a clock and calendar chip, based on a 2048 bit static CMOS1 RAM
organized as 256 words by 8 bits. Addresses and data are transferred serially via the
two-line bidirectional I2C-bus. The built-in word address register is incremented
automatically after each written or read data byte. Address pin A0 is used for
programming the hardware address, allowing the connection of two devices to the bus
without additional hardware.
The built-in 32.768 kHz oscillator circuit and the first 8 bytes of the RAM are used for the
clock, calendar, and counter functions. The next 8 bytes can be programmed as alarm
registers or used as free RAM space. The remaining 240 bytes are free RAM locations.
2.
Features and benefits
I2C-bus interface operating supply voltage: 2.5 V to 6 V
Clock operating supply voltage 1.0 V to 6.0 V at 0
°Cto+70 °C
240
× 8-bit low-voltage RAM
Data retention voltage: 1.0 V to 6.0 V
Operating current (at fSCL = 0 Hz): max 50 μA
Clock function with four year calendar
Universal timer with alarm and overflow indication
24 hour or 12 hour format
32.768 kHz or 50 Hz time base
Serial input and output bus (I2C-bus)
Automatic word address incrementing
Programmable alarm, timer, and interrupt function
Slave addresses: A1h or A3h for reading, A0h or A2h for writing
PCF8583
Clock and calendar with 240 x 8-bit RAM
Rev. 06 — 6 October 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 14.


Similar Part No. - PCF8583T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8583T PHILIPS-PCF8583T Datasheet
162Kb / 28P
Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
PCF8583T NXP-PCF8583T Datasheet
595Kb / 37P
Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583T NXP-PCF8583T Datasheet
595Kb / 37P
Clock and calendar with 240 X 8-bit RAM
Rev. 06-6 October 2010
PCF8583T PHILIPS-PCF8583T Datasheet
595Kb / 37P
Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
logo
SYC Electronica
PCF8583T SYC-PCF8583T Datasheet
371Kb / 26P
Clock/calendar with 240 X 8-bit RAM
1997 Jul 15
More results

Similar Description - PCF8583T

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4992 NEC-UPD4992 Datasheet
101Kb / 16P
8-Bit Parallel I/O Calendar Clock
logo
NXP Semiconductors
PCF8583 PHILIPS-PCF8583 Datasheet
162Kb / 28P
Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
Real time clock and calendar
Rev. 1-8 October 2009
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
Real time clock and calendar
Rev. 02-30 September 2010
PCF8583 NXP-PCF8583 Datasheet
595Kb / 37P
Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8593 NXP-PCF8593 Datasheet
572Kb / 35P
Low power clock and calendar
Rev. 04-6 October 2010
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
Real time clock and calendar
Rev. 3-26 August 2013
PCF8583PN NXP-PCF8583PN Datasheet
595Kb / 37P
Clock and calendar with 240 X 8-bit RAM
Rev. 06-6 October 2010
PCF8583PF5-112 PHILIPS-PCF8583PF5-112 Datasheet
595Kb / 37P
Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com