Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2111CP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF2111CP
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2111CP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF2111CP Datasheet HTML 12Page - NXP Semiconductors PCF2111CP Datasheet HTML 13Page - NXP Semiconductors PCF2111CP Datasheet HTML 14Page - NXP Semiconductors PCF2111CP Datasheet HTML 15Page - NXP Semiconductors PCF2111CP Datasheet HTML 16Page - NXP Semiconductors PCF2111CP Datasheet HTML 17Page - NXP Semiconductors PCF2111CP Datasheet HTML 18Page - NXP Semiconductors PCF2111CP Datasheet HTML 19Page - NXP Semiconductors PCF2111CP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1997 Mar 28
16
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
Fig.13 Supply current as a function of supply
voltage.
(1) Tamb = −40 °c.
(2) Tamb = +85 °c.
(3) Tamb = +25 °c.
handbook, halfpage
024
8
20
8
12
16
MLD283
6
I DD
(
µA)
(1)
(2)
(3)
typ
DD
V
(V)
Fig.14 Display frequency as a function of supply
voltage; CO = 680 pF (except PCF2112C).
(1) Tamb = −40 °c.
(2) Tamb = +25 °c.
(3) Tamb = +85 °c.
handbook, halfpage
02
4
8
80
70
78
MLD282
6
76
74
72
V
(V)
DD
f LCD
(Hz)
typ
(1)
(2)
(3)
Fig.15 Display frequency as a function of supply
voltage; CO = 1.5 nF (only PCF2112C).
(1) Tamb = −40 °c.
(2) Tamb = +25 °c.
(3) Tamb = +85 °c.
handbook, halfpage
02
4
8
37
36
34
33
35
MLD289
6
f
LCD
(Hz)
typ
(1)
(2)
(3)
DD
V
(V)
Fig.16 Display frequency as a function of RO and
CO; Tamb =25 °C; VDD =5V.
(1) RO =1MΩ.
(2) RO = 100 kΩ.
handbook, halfpage
10
MLD281
1
10 1
10
103
102
C
(nF)
O
f
LCD
(Hz)
typ
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com