Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDZ11B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDZ11B
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ11B Datasheet(HTML) 3 Page - NXP Semiconductors

  PDZ11B Datasheet HTML 1Page - NXP Semiconductors PDZ11B Datasheet HTML 2Page - NXP Semiconductors PDZ11B Datasheet HTML 3Page - NXP Semiconductors PDZ11B Datasheet HTML 4Page - NXP Semiconductors PDZ11B Datasheet HTML 5Page - NXP Semiconductors PDZ11B Datasheet HTML 6Page - NXP Semiconductors PDZ11B Datasheet HTML 7Page - NXP Semiconductors PDZ11B Datasheet HTML 8Page - NXP Semiconductors PDZ11B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2004 Mar 22
3
NXP Semiconductors
Product data sheet
Voltage regulator diodes
PDZ-B series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on a printed-circuit board measuring 11
× 25 × 1.6 mm.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board measuring 11
× 25 × 1.6 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
−
200
mA
IZSM
non-repetitive peak reverse current
tp = 100 μs; square wave;
Tamb = 25 °C prior to surge
see Table 2
Ptot
total power dissipation
Tamb = 25 °C; note 1;
see Fig.2
−
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-s)
thermal resistance from junction to soldering point
130
K/W
Rth(j-a)
thermal resistance from junction to ambient
note 1
340
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com