Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114EU Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC114EU
Description  NPN resistor-equipped transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114EU Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC114EU Datasheet HTML 1Page - NXP Semiconductors PDTC114EU Datasheet HTML 2Page - NXP Semiconductors PDTC114EU Datasheet HTML 3Page - NXP Semiconductors PDTC114EU Datasheet HTML 4Page - NXP Semiconductors PDTC114EU Datasheet HTML 5Page - NXP Semiconductors PDTC114EU Datasheet HTML 6Page - NXP Semiconductors PDTC114EU Datasheet HTML 7Page - NXP Semiconductors PDTC114EU Datasheet HTML 8Page - NXP Semiconductors PDTC114EU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD)
plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PDTC114E series
NPN resistor-equipped transistors;
R1 = 10 k
, R2 = 10 k
Rev. 12 — 21 December 2011
Product data sheet
Table 1.
Product overview
Type number
Package
PNP
complement
Package
configuration
NXP
JEITA
JEDEC
PDTC114EE
SOT416
SC-75
-
PDTA114EE
ultra small
PDTC114EM
SOT883
SC-101
-
PDTA114EM
leadless ultra small
PDTC114ET
SOT23
-
TO-236AB PDTA114ET
small
PDTC114EU
SOT323
SC-70
-
PDTA114EU
very small
100 mA output current capability
Reduces component count
Built-in bias resistors
Reduces pick and place costs
Simplifies circuit design
AEC-Q101 qualified
Digital application in automotive and
industrial segments
Cost-saving alternative for BC847/857
series in digital applications
Control of IC inputs
Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1.0
1.2


Similar Part No. - PDTC114EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EU PHILIPS-PDTC114EU Datasheet
53Kb / 8P
NPN resistor-equipped transistor
1999 Apr 16
PDTC114EU PHILIPS-PDTC114EU Datasheet
92Kb / 14P
NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114EU PHILIPS-PDTC114EU Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTC114EU NXP-PDTC114EU Datasheet
181Kb / 14P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114EU NXP-PDTC114EU Datasheet
717Kb / 17P
NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
More results

Similar Description - PDTC114EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114Y PHILIPS-PDTC114Y Datasheet
92Kb / 14P
NPN resistor-equipped transistors
2004 Aug 17
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
PEMH16 NXP-PEMH16 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors;
Rev. 04-15 November 2009
PDTC144ET-215 PHILIPS-PDTC144ET-215 Datasheet
760Kb / 17P
NPN resistor-equipped transistors
Rev. 9-15 November 2011
PDTC143E PHILIPS-PDTC143E_15 Datasheet
755Kb / 17P
NPN resistor-equipped transistors;
Rev. 10-8 December 2011
PEMH19_PUMH19 PHILIPS-PEMH19_PUMH19_15 Datasheet
260Kb / 8P
NPN/NPN resistor-equipped transistors
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
NPN/PNP resistor-equipped transistors;
PEMH24 NEXPERIA-PEMH24 Datasheet
179Kb / 10P
NPN/NPN resistor-equipped transistors;
PEMH30 NEXPERIA-PEMH30 Datasheet
195Kb / 11P
NPN/NPN double resistor-equipped transistors;
PQMH9 NEXPERIA-PQMH9 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com