Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CWM Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM10CWM
Description  LM10 Operational Amplifier and Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10CWM Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM10CWM Datasheet HTML 18Page - Texas Instruments LM10CWM Datasheet HTML 19Page - Texas Instruments LM10CWM Datasheet HTML 20Page - Texas Instruments LM10CWM Datasheet HTML 21Page - Texas Instruments LM10CWM Datasheet HTML 22Page - Texas Instruments LM10CWM Datasheet HTML 23Page - Texas Instruments LM10CWM Datasheet HTML 24Page - Texas Instruments LM10CWM Datasheet HTML 25Page - Texas Instruments LM10CWM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LM10
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
www.ti.com
(Pin numbers are for devices in 8-pin packages)
ZOUT∼680Ω @ 5 kHz
AV≤1k
f1∼100 Hz
f2∼5 kHz
RL∼500
*Max Gain Trim
Figure 71. Microphone Amplifier
†Controls “Loop Gain”
*Optional Frequency Shaping
Figure 72. Isolated Voltage Sensor
22
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com