Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2675M-5 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2675M-5
Description  LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675M-5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2675M-5 Datasheet HTML 6Page - Texas Instruments LM2675M-5 Datasheet HTML 7Page - Texas Instruments LM2675M-5 Datasheet HTML 8Page - Texas Instruments LM2675M-5 Datasheet HTML 9Page - Texas Instruments LM2675M-5 Datasheet HTML 10Page - Texas Instruments LM2675M-5 Datasheet HTML 11Page - Texas Instruments LM2675M-5 Datasheet HTML 12Page - Texas Instruments LM2675M-5 Datasheet HTML 13Page - Texas Instruments LM2675M-5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LM2675
SNVS129E – MAY 2004 – REVISED JUNE 2005
www.ti.com
Test Circuit and Layout Guidelines
CIN - 22 μF, 50V Tantalum, Sprague “199D Series”
COUT - 47 μF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68
μH Sumida #RCR110D-680L
CB - 0.01 μF, 50V Ceramic
Figure 22. Standard Test Circuits and Layout Guides
Fixed Output Voltage Versions
CIN - 22 μF, 50V Tantalum, Sprague “199D Series”
COUT - 47 μF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68
μH Sumida #RCR110D-680L
R1 - 1.5 k
Ω, 1%
CB - 0.01 μF, 50V Ceramic
For a 5V output, select R2 to be 4.75 k
Ω, 1%
where VREF = 1.21V
Use a 1% resistor for best stability.
Figure 23. Standard Test Circuits and Layout Guides
Adjustable Output Voltage Version
10
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com