Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124FKB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM124FKB
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM124FKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM124FKB Datasheet HTML 4Page - Texas Instruments LM124FKB Datasheet HTML 5Page - Texas Instruments LM124FKB Datasheet HTML 6Page - Texas Instruments LM124FKB Datasheet HTML 7Page - Texas Instruments LM124FKB Datasheet HTML 8Page - Texas Instruments LM124FKB Datasheet HTML 9Page - Texas Instruments LM124FKB Datasheet HTML 10Page - Texas Instruments LM124FKB Datasheet HTML 11Page - Texas Instruments LM124FKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TA‡
LM124A
LM224A
LM324A,
LM324KA
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP §
MAX
MIN
TYP §
MAX
MIN
TYP §
MAX
UNIT
V
Input offset voltage
VCC = 5 V to 30 V,
25
°C
2
2
3
2
3
mV
VIO
Input offset voltage
VCC = 5 V to 30 V,
VIC = VICRmin,
VO = 1.4 V
Full range
4
4
5
mV
I
Input offset current
V
14V
25
°C
10
2
15
2
30
nA
IIO
Input offset current
VO = 1.4 V
Full range
30
30
75
nA
I
Input bias current
V
14V
25
°C
−50
−15
−80
−15
−100
nA
IIB
Input bias current
VO = 1.4 V
Full range
−100
−100
−200
nA
V
Common-mode input
V
30 V
25
°C
0 to
VCC − 1.5
0 to
VCC − 1.5
0 to
VCC − 1.5
V
VICR
Common-mode input
voltage range
VCC = 30 V
Full range
0 to
VCC − 2
0 to
VCC − 2
0 to
VCC − 2
V
RL = 2 kΩ
25
°C
VCC − 1.5
VCC − 1.5
VCC − 1.5
VOH
High-level output voltage
V
30 V
RL = 2 kΩ
Full range
26
26
26
V
VOH
High level output voltage
VCC = 30 V
RL ≥ 10 kΩ
Full range
27
27
28
27
28
V
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
20
5
20
5
20
mV
A
Large-signal differential
VCC = 15 V, VO = 1 V to 11 V,
25
°C
50
100
50
100
25
100
V/mV
AVD
Large-signal differential
voltage amplification
VCC = 15 V, VO = 1 V to 11 V,
RL ≥ 2 kΩ
Full range
25
25
15
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
70
70
80
65
80
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC /∆VIO)
25
°C
65
65
100
65
100
dB
VO1/VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
120
120
dB
VCC = 15 V,
V
1V
Source
25
°C
−20
−20
−30
−60
−20
−30
−60
VID = 1 V,
VO = 0
Source
Full range
−10
−10
−10
mA
IO
Output current
VCC = 15 V,
V
1V
Sink
25
°C
10
10
20
10
20
mA
VID = −1 V,
VO = 15 V
Sink
Full range
5
5
5
VID = −1 V,
VO = 200 mV
25
°C
12
12
30
12
30
µA
IOS
Short-circuit output current
VCC at 5 V,
GND at −5 V,
VO = 0
25
°C
±40
±60
±40
±60
±40
±60
mA
Supply current
VO = 2.5 V,
No load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
ICC
Supply current
(four amplifiers)
VCC = 30 V,
VO = 15 V,
No load
Full range
1.4
3
1.4
3
1.4
3
mA
† All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
‡ Full range is −55
°C to 125°C for LM124A, −25°C to 85°C for LM224A, and 0°C to 70°C for LM324A.
§ All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com