Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APU428 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APU428
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU428 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APU428 Datasheet HTML 1Page - Aplus Intergrated Circuits APU428 Datasheet HTML 2Page - Aplus Intergrated Circuits APU428 Datasheet HTML 3Page - Aplus Intergrated Circuits APU428 Datasheet HTML 4Page - Aplus Intergrated Circuits APU428 Datasheet HTML 5Page - Aplus Intergrated Circuits APU428 Datasheet HTML 6Page - Aplus Intergrated Circuits APU428 Datasheet HTML 7Page - Aplus Intergrated Circuits APU428 Datasheet HTML 8Page - Aplus Intergrated Circuits APU428 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Pad Name
I/O
Description
IOB1~4
I/O
I/O Input/Output port B.
IOB1, 2 shares pins with SEG41, 42, or ELC, ELP and is set by mask option.
IOB3, 4 shares pins with BZ, BZB and is set by mask option.
IOC1~4
I/O
I/O Input/Output port C can use software to define the internal pull-low/
low-level hold resistor and chattering clock in order to reduce input bounce and
generate interrupt. This port shares pins with AN1-4 and is set by mask option.
IOD1~4
I/O
Input / Output port D.
This port shares pins with SEG33~36 and is set by mask option.
IOD3,4 shares pins with PWM1,2 and is set by mask option.
RFC
CC
RR
RT
RH
I
O
O
O
1 input pin and 3 output pins for RFC application.
This port shares pins with SEG37~40 and is set by mask option.
This port shares pins with IOA1~4 and is set by mask option.
EL
ELC
ELP
O
O
Output port for the EL-light.
These ports share pins with SEG41, 42 and are set by mask option.
These ports share pins with IOB1, 2 and are set by mask option.
ALM
BZB
Z
O
O
Output port for alarm, frequency or melody generator.
This port shares pins with IOB3,4 and is set by mask option.
GND
Negative supply voltage.
Preliminary
5
Ver. 0.0
APU428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com